Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955-ASWF-I2 Datasheet(PDF) 4 Page - ams AG

Part # AS3955-ASWF-I2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-I2 Datasheet(HTML) 4 Page - ams AG

  AS3955-ASWF-I2 Datasheet HTML 1Page - ams AG AS3955-ASWF-I2 Datasheet HTML 2Page - ams AG AS3955-ASWF-I2 Datasheet HTML 3Page - ams AG AS3955-ASWF-I2 Datasheet HTML 4Page - ams AG AS3955-ASWF-I2 Datasheet HTML 5Page - ams AG AS3955-ASWF-I2 Datasheet HTML 6Page - ams AG AS3955-ASWF-I2 Datasheet HTML 7Page - ams AG AS3955-ASWF-I2 Datasheet HTML 8Page - ams AG AS3955-ASWF-I2 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 111 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − General Description
This built-in flexibility makes it ideal for a number of
applications requiring non-volatile memory to be accessed
when the system is not powered, e.g.:
• personalization data is programmed by the NFC device
(even in case SPI / I²C is not powered) and it is later read
by microcontroller through SPI / I²C interface
• Log data is stored periodically by the microcontroller and
can then be read by the NFC device even when the
microcontroller is not powered
• A NDEF message is regularly modified by the
microcontroller (e.g. Bluetooth pin code, or Wi-Fi key, or
dynamic URL) and it is later read by a NFC device.
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 3:
AS3955 Block Diagram
AFE
NFC FORUM
TYPE 2 TAG
LOGIC
EEPROM
2k or 4kbit
I²C/SPI
INTERFACE
POWER
MANAGER
VP_IO
IRQ
I²C/SPI
VSS
VP_REG
VP_INT
VDD
LC1
LC2
AS3955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com