Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-1KB Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # ST-1KB
Description  Photo transistors(high-sensitivity NPN silicon phototransistors mounted in durable)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

ST-1KB Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  ST-1KB Datasheet HTML 1Page - KODENSHI_AUK CORP. ST-1KB Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
ST-1KA・ST-1KB
Photo transistors
KODENSHI
The ST-1KA and 1KB are high-sensitivity NPN
silicon phototransistors mounted in durable,
hermetically sealed TO-18 metal cans, which
provide years of reliable performance, even
under demanding conditions such as use out-
doors.
FEATURES
•Wide angular response
•Durable
•High reliability in demanding environments
•Two leads (Collector, Emitter) ST-1KA
•Three leads (Collector Emitter, Base) ST-1KB
APPLICATIONS
•Optical counters
•Optical detectors
•Infrared sensors
•Fiber optic communications
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
C-E voltage
E-C voltage
Collector current
Collector power dissipation
Operating temp.
Storage Temp.
Soldering temp. *1
VCEO
VECO
IC
PC
Topr.
Tstg.
Tsol.
40
4
50
150
-30~+100
-50~+150
260
V
V
mA
mW
℃
℃
℃
Unit
(Ta=25℃)
500~1,050
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
VCEO=10V
VCE=10V, 200lx
*2
IC=2mA, 2,000lx
*2
VCC=10V, IC=5mA,
RL=100Ω
Item
Typ.
1
2.0
0.2
0.8
10
880
±50
Collector dark current
Light current
C-E saturation voltage
Switching speeds
Rise time
Fall time
Spectral sensitivity
Peak wavelength
Half anglee
ICEO
IL
VCE(sat)
tr
tf
λ
λp
△θ
0.5
200
5.0
0.4
nA
mA
V
μsec.
μsec.
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
*2. Color temp.=2856K standard Tungsten lamp
*1.For MAX.5 seconds at the position of 2 mm from the package
ST-1KB
ST-1KA


Similar Part No. - ST-1KB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
ST-1KL3A KODENSHI-ST-1KL3A Datasheet
257Kb / 2P
Photo transistors(high-sensitivity NPN silicon phototransistors mounted in durable)
ST-1KL3A KODENSHI-ST-1KL3A Datasheet
99Kb / 2P
PHOTOTRANSISTORS
ST-1KL3B KODENSHI-ST-1KL3B Datasheet
257Kb / 2P
Photo transistors(high-sensitivity NPN silicon phototransistors mounted in durable)
ST-1KLA KODENSHI-ST-1KLA Datasheet
13Kb / 2P
Photo Transistors
ST-1KLA KODENSHI-ST-1KLA Datasheet
225Kb / 2P
Photo transistor
More results

Similar Description - ST-1KB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPT120 FAIRCHILD-FPT120 Datasheet
47Kb / 1P
High Sensitivity Silicon Phototransistors
logo
KODENSHI_AUK CORP.
SP-1KL KODENSHI-SP-1KL Datasheet
242Kb / 2P
Photo diodes(silicon photodiode mounted in durable)
ST-1CL3H KODENSHI-ST-1CL3H Datasheet
210Kb / 2P
Photo transistors(high sensitivity NPN silicon phototransistor mounted)
ST-1KL3A KODENSHI-ST-1KL3A Datasheet
257Kb / 2P
Photo transistors(high-sensitivity NPN silicon phototransistors mounted in durable)
ST-1MLA KODENSHI-ST-1MLA Datasheet
243Kb / 2P
Photo transistors(high-sensitivity NPN silicon phototransistors mounted)
ST-1MLAR2 KODENSHI-ST-1MLAR2 Datasheet
244Kb / 2P
Photo transistors(high-sensitivity NPN silicon phototransistors mounted)
ST-23G KODENSHI-ST-23G Datasheet
209Kb / 2P
Photo transistors(high-sensitivity NPN silicon phototransistor mounted in a clear sidelooking)
ST-305 KODENSHI-ST-305 Datasheet
275Kb / 2P
Photo transistors(a high-sensitivity NPN silicon phototransistor mounted in a clear sidelooking)
ST-309 KODENSHI-ST-309 Datasheet
261Kb / 2P
Photo transistors(high-sensitivity Silicon phototransistor)
ST-325 KODENSHI-ST-325 Datasheet
272Kb / 2P
Photo transistors(high sensitivity NPN silicon phototransistor mounted)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com