Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL900A Datasheet(PDF) 13 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 13 Page - ams AG

Back Button SL900A Datasheet HTML 9Page - ams AG SL900A Datasheet HTML 10Page - ams AG SL900A Datasheet HTML 11Page - ams AG SL900A Datasheet HTML 12Page - ams AG SL900A Datasheet HTML 13Page - ams AG SL900A Datasheet HTML 14Page - ams AG SL900A Datasheet HTML 15Page - ams AG SL900A Datasheet HTML 16Page - ams AG SL900A Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL900A – 13
S y st em D e scription
Figure 14 shows the different states and their interactions.
Figure 22 shows the command overview.
Initializing the Chip
A virgin chip (not initialized) can be initialized either through
the SPI port or through the electromagnetic field from a reader
in the standby mode. The power source is either from a battery
(VBAT) or extracted from the RF field via the AFE circuit. After
the initializing procedure, the chip will enter the ready mode.
Power Modes
Ready Mode
In the ready mode, all parameters can be set, read and changed
through a reader with the appropriate passwords.
Active Mode
In active mode, the real-time clock (RTC) is running, the desired
parameters are set, and the on-chip temperature sensor is in
standby.
Logging Mode
A log flag from the timer will enable the logging mode in which
the sensor and the A/D converter will be activated, and the
measured value will be stored in the EEPROM together with the
time of the event. If the external sensor flag is set, the external
sensors will also be activated and the measured data stored.
The A/D converter can be multiplexed between internal
temperature sensor, external sensors or battery voltage. After
the event, the chip will return to the active mode.
Interrupt Mode
In the interrupt mode, the external sensor interrupt block is
running with minimal power consumption. When the external
sensor value exceeds a specified threshold, the chip goes into
the logging mode where the selected sensor values and real
time of the event are stored to the EEPROM.
Stand-by Mode
In passive mode, all blocks in the chip are turned off and only
the leakage current is flowing. When the label enters an RF field,
it will go from Stand-by mode to Ready mode. If the SEN pin
rises high, the chip will go from the Stand by mode to the serial
mode
System Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com