Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD2772WA Datasheet(PDF) 21 Page - ams AG

Part # TMD2772WA
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772WA Datasheet(HTML) 21 Page - ams AG

Back Button TMD2772WA Datasheet HTML 17Page - ams AG TMD2772WA Datasheet HTML 18Page - ams AG TMD2772WA Datasheet HTML 19Page - ams AG TMD2772WA Datasheet HTML 20Page - ams AG TMD2772WA Datasheet HTML 21Page - ams AG TMD2772WA Datasheet HTML 22Page - ams AG TMD2772WA Datasheet HTML 23Page - ams AG TMD2772WA Datasheet HTML 24Page - ams AG TMD2772WA Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
ams Datasheet, Confidential
Page 21
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Principles of Operation
of proximity pulses, keep in mind that the signal increases
proportionally to PPULSE, while noise increases by the square
root of PPULSE.
Figure 26:
Proximity LED Current Driver Waveform
Figure 25 illustrates light rays emitting from the internal IR LED,
reflecting off an object, and being absorbed by the CH0 and
CH1 photodiodes. The proximity diode selector (PDIODE)
determines which of the two photodiodes is used for a given
proximity measurement. Note that neither photodiode is
selected when the device first powers up, so PDIODE must be
set for proximity detection to work.
Referring again to Figure 26, the reflected IR LED and the
background energy is integrated during the LED On time, then
during the LED Off time, the integrated background energy is
subtracted from the LED On time energy, leaving the IR LED
energy to accumulate from pulse to pulse. The proximity gain
(PGAIN) determines the integration rate, which can be
programmed to 1×, 2×, 4×, or 8× gain. At power up, PGAIN
defaults to 1× gain, which is recommended for most
applications. For reference, PGAIN equal to 4× is comparable to
the TMD2771’s 1× gain setting. During LED On time integration,
the proximity saturation bit in the Status register (0x13) will be
set if the integrator saturates. This condition can occur if the
proximity gain is set too high for the lighting conditions, such
as in the presence of bright sunlight. Once asserted, PSAT will
remain set until a special function proximity interrupt clear
command is received from the host. See “Command Register”
on page 30.
After the programmed number of proximity pulses have been
generated, the proximity ADC converts and scales the proximity
measurement to a 16-bit value, then stores the result in two
8-bit proximity data (PDATAx) registers. ADC scaling is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com