Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27721 Datasheet(PDF) 3 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 3 Page - ams AG

  TMD27721 Datasheet HTML 1Page - ams AG TMD27721 Datasheet HTML 2Page - ams AG TMD27721 Datasheet HTML 3Page - ams AG TMD27721 Datasheet HTML 4Page - ams AG TMD27721 Datasheet HTML 5Page - ams AG TMD27721 Datasheet HTML 6Page - ams AG TMD27721 Datasheet HTML 7Page - ams AG TMD27721 Datasheet HTML 8Page - ams AG TMD27721 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
ams Datasheet, Confidential
Page 3
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − General Description
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
TMD2772/TMD2772WA Block Diagram
This datasheet documents the following six devices.
Figure 3:
Available Configurations
Note(s) and/or Footnote(s):
1. Contact ams for availability.
Device
ID (0x12)
I2C Address
I2C Voltage
Angular Response
TMD27721
0x30
0x39
= VDD
± 25°
TMD27723
0x39
0x39
= 1.8 V
± 25°
TMD27725 (1)
0x30
0x29
= VDD
± 25°
TMD27727 (1)
0x39
0x29
= 1.8 V
± 25°
TMD27721WA (1)
0x30
0x39
= VDD
± 50°
TMD27723WA
0x39
0x39
= 1.8 V
± 50°
Control
Programmable
Current Sink
CH0
CH0 ADC
CH1 ADC
INT
SCL
SDA
LEDA LEDK
LDR
VDD
CH1
IR
LED
TMD2772/TMD2772WA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com