Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F861AP104M310C Datasheet(PDF) 3 Page - Kemet Corporation

Part # F861AP104M310C
Description  Metallized Polypropylene Film, Class X2, 310 VAC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F861AP104M310C Datasheet(HTML) 3 Page - Kemet Corporation

  F861AP104M310C Datasheet HTML 1Page - Kemet Corporation F861AP104M310C Datasheet HTML 2Page - Kemet Corporation F861AP104M310C Datasheet HTML 3Page - Kemet Corporation F861AP104M310C Datasheet HTML 4Page - Kemet Corporation F861AP104M310C Datasheet HTML 5Page - Kemet Corporation F861AP104M310C Datasheet HTML 6Page - Kemet Corporation F861AP104M310C Datasheet HTML 7Page - Kemet Corporation F861AP104M310C Datasheet HTML 8Page - Kemet Corporation F861AP104M310C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3001_F861_X2_310 • 5/13/2015
3
Film Capacitors
AC Line EMI Suppression and RC Networks – F861 Series Metallized Polypropylene Film, Class X2, 310 VAC
Dimensions – Millimeters
L
B
B
H
d
p
LL
0.5
0.5
p
1
2-Pin
4-Pin
FRONT VIEW
SIDE VIEW
p
p
1
p
2-Pin
4-Pin
SCHEMATIC
Size
Code
Version
p
p1
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
KG
7.5
+/-0.4
4
Maximum
8
Maximum
10
Maximum
0.6
+/-0.05
KH
7.5
+/-0.4
4
Maximum
9
Maximum
10
Maximum
0.6
+/-0.05
KJ
7.5
+/-0.4
5
Maximum
10.5
Maximum
10
Maximum
0.6
+/-0.05
KM
7.5
+/-0.4
6
Maximum
12
Maximum
10.5
Maximum
0.6
+/-0.05
AG
10.0
+/-0.4
4.0
Maximum
9.0
Maximum
13.0
Maximum
0.6
+/-0.05
AK
10.0
+/-0.4
5.0
Maximum
11.0
Maximum
13.0
Maximum
0.6
+/-0.05
AP
10.0
+/-0.4
6.0
Maximum
12.0
Maximum
13.0
Maximum
0.6
+/-0.05
AO
10.0
+/-0.4
7.0
Maximum
17.0
Maximum
13.0
Maximum
0.6
+/-0.05
AL
LowProfile
10.0
+/-0.4
9.5
Maximum
7.5
Maximum
13.0
Maximum
0.6
+/-0.05
AE
Special Version
10.0
+/-0.4
4.0
Maximum
8.0
Maximum
13.0
Maximum
0.6
+/-0.05
BB
15.0
+/-0.4
4.0
Maximum
10.0
Maximum
18.0
Maximum
0.8
+/-0.05
BC
15.0
+/-0.4
5.0
Maximum
11.0
Maximum
18.0
Maximum
0.8
+/-0.05
BE
15.0
+/-0.4
5.5
Maximum
12.5
Maximum
18.0
Maximum
0.8
+/-0.05
BG
15.0
+/-0.4
6.0
Maximum
12.0
Maximum
18.0
Maximum
0.8
+/-0.05
BI
HighProfile
15.0
+/-0.4
6.0
Maximum
17.5
Maximum
18.0
Maximum
0.8
+/-0.05
BK
15.0
+/-0.4
7.5
Maximum
13.5
Maximum
18.0
Maximum
0.8
+/-0.05
BO
HighProfile
15.0
+/-0.4
7.5
Maximum
18.5
Maximum
18.0
Maximum
0.8
+/-0.05
BP
15.0
+/-0.4
8.5
Maximum
14.5
Maximum
18.0
Maximum
0.8
+/-0.05
BT
15.0
+/-0.4
9.0
Maximum
12.5
Maximum
18.0
Maximum
0.8
+/-0.05
BS
15.0
+/-0.4
10.0
Maximum
16.0
Maximum
18.0
Maximum
0.8
+/-0.05
BY
15.0
+/-0.4
11.0
Maximum
19.0
Maximum
18.0
Maximum
0.8
+/-0.05
BZ
Special Version
15.0
+/-0.4
12.0
Maximum
20.0
Maximum
18.0
Maximum
0.8
+/-0.05
BR
LowProfile
15.0
+/-0.4
13.0
Maximum
12.0
Maximum
18.0
Maximum
0.8
+/-0.05
DB
22.5
+/-0.4
6.0
Maximum
14.5
Maximum
26.0
Maximum
0.8
+/-0.05
DI
22.5
+/-0.4
7.0
Maximum
16.0
Maximum
26.0
Maximum
0.8
+/-0.05
DH
22.5
+/-0.4
8.0
Maximum
16.0
Maximum
26.0
Maximum
0.8
+/-0.05
DJ
22.5
+/-0.4
8.5
Maximum
17.0
Maximum
26.0
Maximum
0.8
+/-0.05
DM
22.5
+/-0.4
9.0
Maximum
18.5
Maximum
26.0
Maximum
0.8
+/-0.05
DO
22.5
+/-0.4
10.0
Maximum
18.5
Maximum
26.0
Maximum
0.8
+/-0.05
DP
22.5
+/-0.4
11.0
Maximum
20.0
Maximum
26.0
Maximum
0.8
+/-0.05
Note: See Ordering Options Table for lead length (LL) options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com