Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27721 Datasheet(PDF) 13 Page - ams AG

Part # TMD27721
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 13 Page - ams AG

Back Button TMD27721 Datasheet HTML 9Page - ams AG TMD27721 Datasheet HTML 10Page - ams AG TMD27721 Datasheet HTML 11Page - ams AG TMD27721 Datasheet HTML 12Page - ams AG TMD27721 Datasheet HTML 13Page - ams AG TMD27721 Datasheet HTML 14Page - ams AG TMD27721 Datasheet HTML 15Page - ams AG TMD27721 Datasheet HTML 16Page - ams AG TMD27721 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
12
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Figure 8 illustrates light rays emitting from the internal IR LED, reflecting off an object, and being absorbed by
the CH0 and CH1 photodiodes. The proximity diode selector (PDIODE) determines which of the two
photodiodes is used for a given proximity measurement. Note that neither photodiode is selected when the
device first powers up, so PDIODE must be set for proximity detection to work.
Referring again to Figure 9, the reflected IR LED and the background energy is integrated during the LED On
time, then during the LED Off time, the integrated background energy is subtracted from the LED On time
energy, leaving the IR LED energy to accumulate from pulse to pulse. The proximity gain (PGAIN) determines
the integration rate, which can be programmed to 1
×, 2×, 4×, or 8× gain. At power up, PGAIN defaults to 1×
gain, which is recommended for most applications. For reference, PGAIN equal to 8
× is comparable to the
TMD2771’s 1
× gain setting. During LED On time integration, the proximity saturation bit in the Status register
(0x13) will be set if the integrator saturates. This condition can occur if the proximity gain is set too high for the
lighting conditions, such as in the presence of bright sunlight. Once asserted, PSAT will remain set until a special
function proximity interrupt clear command is received from the host (see command register).
After the programmed number of proximity pulses have been generated, the proximity ADC converts and scales
the proximity measurement to a 16-bit value, then stores the result in two 8-bit proximity data (PDATAx)
registers. ADC scaling is controlled by the proximity ADC conversion time (PTIME) which is programmable from
1 to 256 2.73-ms time units. However, depending on the application, scaling the proximity data will equally scale
any accumulated noise. Therefore, in general, it is recommended to leave PTIME at the default value of one
2.73-ms ADC conversion time (0xFF).
In many practical proximity applications, a number of optical system and environmental conditions can produce
an offset in the proximity measurement result. To counter these effects, a proximity offset (POFFSET) is
provided which allows the proximity data to be shifted positive or negative. Additional information on the use
of the proximity offset feature is provided in available TAOS application notes.
Once the first proximity cycle has completed, the proximity valid (PVALID) bit in the Status register will be set
and remain set until the proximity detection function is disabled (PEN).
For additional information on using the proximity detection function behind glass and for optical system design
guidance, please see available TAOS application notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com