Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG3993 Datasheet(PDF) 21 Page - ams AG

Part # TMG3993
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG3993 Datasheet(HTML) 21 Page - ams AG

Back Button TMG3993 Datasheet HTML 17Page - ams AG TMG3993 Datasheet HTML 18Page - ams AG TMG3993 Datasheet HTML 19Page - ams AG TMG3993 Datasheet HTML 20Page - ams AG TMG3993 Datasheet HTML 21Page - ams AG TMG3993 Datasheet HTML 22Page - ams AG TMG3993 Datasheet HTML 23Page - ams AG TMG3993 Datasheet HTML 24Page - ams AG TMG3993 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
ams Datasheet
Page 21
[v1-06] 2015-Apr-09
Document Feedback
TMG3993 − Detailed Description
Figure 28:
Detailed State Diagram
As depicted in Figure 27 and Figure 28, the operational cycle of
the device is divided into two parallel functional modes: Pattern
Burst and Gesture/Proximity/Color.
Upon power-up, POR, the device initializes and immediately
enters the low power SLEEP state. In this operational state the
internal oscillator and other circuitry are not active, resulting in
ultra-low power consumption. If I2C transaction occurs during
this state, the oscillator and I2C core wakeup temporarily to
service the communication. Once the Power ON bit, PON, is
enabled, the internal oscillator and attendant circuitry are
active, but power consumption remains low until one of the
functional engine blocks are entered. The first time the SLEEP
state is exited and any of the analog engines are enabled (PEN,
GEN, AEN =1) an EXIT SLEEP pause occurs; followed by an
immediate entry into the selected engine. If multiple engines
are enabled, then the operational flow progresses in the
following order: idle, proximity, gesture (if GMODE = 1), wait,
color/ALS, and sleep (if SAI = 1 and INT pin is asserted). The wait
operational state functions to reduce the power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com