Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG49033 Datasheet(PDF) 1 Page - ams AG

Part # TMG49033
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49033 Datasheet(HTML) 1 Page - ams AG

  TMG49033 Datasheet HTML 1Page - ams AG TMG49033 Datasheet HTML 2Page - ams AG TMG49033 Datasheet HTML 3Page - ams AG TMG49033 Datasheet HTML 4Page - ams AG TMG49033 Datasheet HTML 5Page - ams AG TMG49033 Datasheet HTML 6Page - ams AG TMG49033 Datasheet HTML 7Page - ams AG TMG49033 Datasheet HTML 8Page - ams AG TMG49033 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
ams Datasheet
Page 1
[v1-02] 2015-May-14
Document Feedback
TMG4903
Gesture, Color and Proximity Sensor
Module with mobeam™ Barcode
Emulation and IR Remote Control
The TMG4903 features ambient light and color (RGB) sensing,
proximity detection, and IRBeam optical pattern generator
capable of mobeam™ barcode emulation and IR remote control
in parallel. In addition, the device integrates an IR LED and
advanced LED driver, all within a low-profile and small footprint,
2.0mm x 5.0mm x 1.0mm package.
The Gesture and Proximity sensing function synchronizes IR
emission and detection to sense gesture and proximity events.
The architecture of the engine features automatic high sample
rate activation, self-maximizing dynamic range, ambient light
subtraction, advanced crosstalk cancelation, 14-bit data
output, 32-dataset FIFO, and interrupt-driven I²C
communication. Sensitivity, power consumption, and noise can
be optimized with adjustable IR LED timing and power. The
gesture engine is capable of 3D detection of motion and
position. Gesture interrupts are configurable to reduce I²C
communication load.The proximity engine recognizes
detect/release events and produces a configurable interrupt
whenever proximity result crosses upper or lower threshold
settings.
The Ambient Light and Color Sensing function provides Red,
Green, and Blue (RGB) ambient light sensing with a Clear
reference (C). The color diode array has a UV/IR blocking filter
and parallel ADCs to produce simultaneous 16-bit results. This
architecture accurately measures ambient light and enables the
calculation of illuminance, chromaticity, and color temperature
to manage display appearance.
The IRBeam pattern generator supports mobeam™ barcode
emulation and IR remote control. The engine features RAM for
pattern storage and specialized control logic that is tailored to
repetitively broadcast a barcode pattern using the integrated
LED or an external LED with a low side driver. The IRBeam engine
features adjustable timing, looping, and IR intensity to
maximize successful transmission. IRBeam is designed to
support all requirements for 1-D barcode transmission over IR
to point-of-sale (POS) terminals as well as IR remote control.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - TMG49033

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TMG49037 OSRAM-TMG49037 Datasheet
1Mb / 79P
Gesture, Color and Proximity Sensor Module
v1-01 2019-Aug-20
More results

Similar Description - TMG49033

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD4903 AMSCO-TMD4903 Datasheet
1Mb / 86P
Color and Proximity Sensor Module with mobeam
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
logo
Analog Devices
ADUX1020 AD-ADUX1020 Datasheet
727Kb / 32P
Photometric Sensor for Gesture and Proximity
REV. A
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9500 AVAGO-APDS-9500 Datasheet
298Kb / 36P
Imaging-Based Proximity and Gesture Sensor
logo
Vishay Siliconix
TSMP4138 VISHAY-TSMP4138 Datasheet
96Kb / 4P
IR Sensor Module for Remote Control Systems
05-Feb-14
TSMP6000 VISHAY-TSMP6000 Datasheet
609Kb / 24P
IR Sensor Module for Remote Control Systems
14-Apr-16
TSMP58138 VISHAY-TSMP58138 Datasheet
112Kb / 5P
IR Sensor Module for Remote Control Systems
05-Feb-14
TSMP77000 VISHAY-TSMP77000 Datasheet
258Kb / 10P
IR Sensor Module for Remote Control Systems
14-Apr-16
logo
ams AG
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com