Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DESD1LIN2WSQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DESD1LIN2WSQ
Description  LIN-BUS BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DESD1LIN2WSQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DESD1LIN2WSQ Datasheet HTML 1Page - Diodes Incorporated DESD1LIN2WSQ Datasheet HTML 2Page - Diodes Incorporated DESD1LIN2WSQ Datasheet HTML 3Page - Diodes Incorporated DESD1LIN2WSQ Datasheet HTML 4Page - Diodes Incorporated DESD1LIN2WSQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DESD1LIN2WSQ
Document number: DS37406 Rev. 1 - 2
2 of 5
www.diodes.com
November 2014
© Diodes Incorporated
DESD1LIN2WSQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
160
W
8/20µs, Per Figure 1
Peak Pulse Current
IPP
3.0
A
8/20µs, Per Figure 1
ESD Protection
– Contact Discharge
VESD_Contact
±30
kV
Standard IEC 61000-4-2
ESD Protection
– Air Discharge
VESD_Air
±30
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 6)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 6)
RJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Standoff Voltage, from Pin 1 to Pin 2
VRWM1
-
-
15
V
-
Reverse Standoff Voltage, from Pin 2 to Pin 1
VRWM2
-
-
24
V
-
Channel Leakage Current, from Pin 1 to Pin 2
(Note 7)
IRM1
-
1
50
nA
VRWM = 15V
Channel Leakage Current, from Pin 2 to Pin 1
(Note 7)
IRM2
-
1
50
nA
VRWM = 24V
Breakdown Voltage, from Pin 1 to Pin 2
VBR1
17.1
18.9
20.3
V
IR = 1mA
Breakdown Voltage, from Pin 1 to Pin 1
VBR2
25.4
27.8
30.3
V
IR = 1mA
Clamping Voltage, from Pin 1 to Pin 2
VCL1
-
-
25
V
IPP = 1A, tp = 8/20μS
-
-
35
V
IPP = 5A, tp = 8/20μS
Clamping Voltage, from Pin 2 to Pin 1
VCL2
-
-
40
V
IPP = 1A, tp = 8/20μS
-
-
50
V
IPP = 3A, tp = 8/20μS
Differential Resistance
RDIF
-
0.5
-
Ω
IR = 1A, tp = 8/20μS
Channel Input Capacitance
CT
-
13
17
pF
VR = 0V, f = 1MHz
Notes:
6. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.
80
40
20
0
t, TIME (µs)
Figure 1 Pulse Waveform
100
50
0
t = 8µs
r
Peak Value I
PP
Half Value I
PP/2
8x20 Waveform
as defined by R.E.A.
tp
-10
0
10
20 30
40
50
60
70
80
90 100
TIME (ns)
Figure 2 ESD Discharge Current Wave Form
IEC 6100-4-2 (330 /150pF)
Rise time = 0.7ns to 1ns
0
20
40
60
80
100
120
27
53



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com