Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCF5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VCF5
Description  TeSys Vario - emergency stop switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCF5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VCF5 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCF5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nov 12, 2015
1
Product data sheet
Characteristics
VCF5
TeSys Vario - emergency stop switch
disconnector - 125 A - on door
Product availability: Stock - Normally stocked in distribution facility
 
Price*: 401.00 USD
Main
Commercial Status
Commercialised
Range
TeSys
Product name
TeSys VARIO
Device short name
VCF
Product or component
type
Emergency stop switch disconnector
Performance level
High performance
Poles description
3P
Contacts type and
composition
3 NO
Network type
AC
DC
Control type
Rotary handle
Rotary handle
mounting style
Direct
Handle colour
Red
Handle front plate
colour
Yellow
Rotary handle
padlocking
1 to 3 padlocks 0.16...0.31 in (4...8 mm)
Complementary
Marking
0 - 1
Mounting support
Switch mounting on door
Handle mounting on door
Fixing mode
By 4 screws handle
System Voltage
690 V AC 50/60 Hz
[Uimp] rated impulse withstand voltage
8 kV
[Ith] conventional free air thermal current
125 A
[Ithe] conventional enclosed thermal current
100 A
[Ie] rated operational current
68.5 A (AC-23) at 400 V
Rated operational power in W
37 kW 400...415 V (AC-23A)
22 kW 230...240 V (AC-23A)
45 kW 500 V (AC-23A)
37 kW 690 V (AC-23A)
37 kW 500 V (AC-3)
30 kW 690 V (AC-3)
30 kW 400...415 V (AC-3)
22 kW 230...240 V (AC-3)
Intermittent duty class
30
Making capacity
1250 A 400 V (AC-23A)
1250 A 400 V (AC-22A)
1250 A 400 V (AC-21A)
[Icm] rated short-circuit making capacity
2.8 kA 400 V at Ipeak


Similar Part No. - VCF5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF5 SCHNEIDER-VCF5 Datasheet
115Kb / 3P
TeSys Vario - emergency stop switch disconnector - 125 A - on door
Jul 12, 2021
VCF5 SCHNEIDER-VCF5 Datasheet
138Kb / 3P
TeSys Vario - emergency stop switch disconnector - 125 A - on door
Jun 13, 2022
VCF5GEN SCHNEIDER-VCF5GEN Datasheet
114Kb / 2P
TeSys VARIO - enclosed emergency stop switch disconnector - 100 A
Apr 25, 2018
VCF5 SCHNEIDER-VCF5_V01 Datasheet
138Kb / 3P
TeSys Vario - emergency stop switch disconnector - 125 A - on door
Jun 13, 2022
More results

Similar Description - VCF5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCFN40GE SCHNEIDER-VCFN40GE Datasheet
118Kb / 2P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jul 12, 2021
VCFN20GE SCHNEIDER-VCFN20GE Datasheet
127Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jul 12, 2021
VCFN12GE SCHNEIDER-VCFN12GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jul 12, 2021
VCF2 SCHNEIDER-VCF2 Datasheet
184Kb / 3P
TeSys Vario - emergency stop switch disconnector - 40 A - on door
Jul 12, 2021
VCF02 SCHNEIDER-VCF02 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jul 12, 2021
VCD1 SCHNEIDER-VCD1 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jun 13, 2022
VCF6 SCHNEIDER-VCF6 Datasheet
128Kb / 3P
TeSys Vario - emergency stop switch disconnector - 175 A - on door
Jun 13, 2022
VCFN12GE SCHNEIDER-VCFN12GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jun 13, 2022
VCFN20GE SCHNEIDER-VCFN20GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jun 13, 2022 1
VCFN40GE SCHNEIDER-VCFN40GE_V01 Datasheet
132Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jun 13, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com