Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23832-R421-M101 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # V23832-R421-M101
Description  PAROLI 2 Tx AC, 2.7 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R421-M101 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button V23832-R421-M101 Datasheet HTML 11Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 12Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 13Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 14Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 15Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 16Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 17Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 18Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
V23832-T2431-M101
V23832-R421-M101
Technical Data
Data Sheet
15
2003-11-19
Data Input Skew
6)
t
SPN
0.5 x
t
R-DI,
t
F-DI
ps
Data Input Rise/Fall Time
7)
t
R-DI, tF-DI
50
170
ps
LVCMOS Input High Voltage
V
LVCMOSIH
2.0
V
CC
V
LVCMOS Input Low Voltage
V
LVCMOSIL
V
EE
0.8
V
LVCMOS Input Rise/Fall Time
8)
t
R-LVCMOSI,
t
F-LVCMOSI
20
ns
Receiver
Power Supply Voltages
V
CC, VCCO
3.0
3.3
3.6
V
Noise on Power Supply
2)
N
PS
200
mV
Differential LVDS Termination
Impedance
R
t
80
120
Ω
LVCMOS Input High Voltage
V
LVCMOSIH
2.0
V
CC
V
LVCMOS Input Low Voltage
V
LVCMOSIL
V
EE
0.8
V
LVCMOS Input Rise/Fall Time
8)
t
R-LVCMOSI,
t
F-LVCMOSI
20
ns
Optical Input Rise/Fall Time
9)
t
R-OI, tF-OI
185
ps
Input Extinction Ratio
ER
6.0
dB
Input Center Wavelength
λ
C
830
860
nm
Voltages refer to
V
EE = 0 V.
1)
Recommended range of input parameters for specified module functional performance.
2)
Noise frequency is 1 kHz to
f
max, where fmax is equal to the maximum data rate in units of MHz. E.g. for a
maximum data rate of 2700 Mbit/s,
f
max = 2700 MHz. Power supply noise is defined with the recommended
filter in place at the supply side of the filtering circuit (see Figure 9 on Page 17).
3)
The input stage can also be AC-coupled.
4)
Input level diagram: see Figure 7 on Page 16.
5)
|V
ID| = |(input voltage of non-inverted input minus input voltage of inverted input)|.
6)
Skew between positive and negative inputs measured at 50% level.
7)
20% - 80% level.
8)
Measured between 0.8 V and 2.0 V.
9)
20% - 80% level. Non filtered values.
Recommended Operating Conditions
1) (cont’d)
Parameter
Symbol
Values
Unit
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com