Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4312Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP4312Q
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4312Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP4312Q Datasheet HTML 1Page - Diodes Incorporated AP4312Q Datasheet HTML 2Page - Diodes Incorporated AP4312Q Datasheet HTML 3Page - Diodes Incorporated AP4312Q Datasheet HTML 4Page - Diodes Incorporated AP4312Q Datasheet HTML 5Page - Diodes Incorporated AP4312Q Datasheet HTML 6Page - Diodes Incorporated AP4312Q Datasheet HTML 7Page - Diodes Incorporated AP4312Q Datasheet HTML 8Page - Diodes Incorporated AP4312Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP4312Q
Document number: DS37444 Rev. 4 - 2
2 of 11
www.diodes.com
November 2015
© Diodes Incorporated
AP4312Q
Typical Applications Circuit
1.210V
V
CC
V
OUT
GND
V
SENSE
I
CTRL
R
SS
R4
To
primary
R2
R1
V
OUT+
V
OUT-
Load
C1
R3
C3
R5
R6
500
V
CTRL
AP4312Q
+
+
I
L
Typical Application 1
Typical Application 2
)
(
1
2
1
)]
(
[
SS
L
SS
L
REF
UT
O
R
I
R
R
R
R
I
V
V
SS
SENSE
R
V
it
CurrentLim 
1.210V
V
CC
V
OUT
GND
V
SENSE
I
CTRL
R
SS
R4
To
primary
R2
R1
V
OUT+
V
OUT-
Load
C1
R3
C3
R5
R6
500
V
CTRL
AP4312Q
+
+
I
L
1
2
1
R
R
R
V
V
REF
OUT
SS
SENSE
R
V
it
CurrentLim 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com