Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M804 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 2M804
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M804 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2M804 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LAYOUTS BY NUMBER OF CONTACTS
2M801
2M803
2M804
2M805
# OF CONTACTS & SIZE
DWV VOLTAGE (VAC)
16-12
14-12
14-12
18-12
12#16
1800
21-12
NA
NA
23-12
12#12
1800
13-201
12-201
12-201
15-201
10#23, 2#12
1800(#12), 500(#23)
8-13
8-13
8-13
10-13
13#23
500
10-200
10-200
10-200
12-200
12#23, 1#12
1800(#12), 500(#23)
Front face of pin inserts shown. (Sockets mirror image)
CONTACTS
12
13
2
3
6
4
7
8
9
12
10
1
11
5
1
2
5
3
6
10
11
12
9
6
4
5
8
9 11
12
10
7
1
2
3
2
1
6
3
4
5
8
9
10
12
11
7 13
2
1
6
5
3
4
8
9
10
11
12
7
2M801
2M803
2M804
2M805
# OF CONTACTS & SIZE
DWV VOLTAGE (VAC)
17-14
NA
NA
19-14
14#16
1800
9-19
9-19
9-19
11-19
19#23
500
13-220
12-220
12-220
15-220
20#20HD
750
21-22
NA
NA
23-22
22#16
1800
10-26
10-26
10-26
12-26
26#23
500
CONTACTS
14
19
20
22
26
1
2
3
10
13
14
12
9
5
6
2 1
3
4
8
19 18
13
17
12
16
7
2
3
14
15
16
17
18
19 20
4
5
6
7
8
9
10
11
12
13
1
1
9
14
19
22
18
13
4
10
5
2
4
9
12
16
21
24
26
25
23
18
15
11
1
6
3
2M801
2M803
2M804
2M805
# OF CONTACTS & SIZE
DWV VOLTAGE (VAC)
16-235
14-235
14-235
18-235
35#20HD
750
13-37
12-37
12-37
15-37
37#23
500
17-241
NA
NA
19-241
41#20HD
750
16-55
14-55
14-55
18-55
55#23
500
21-269
NA
NA
23-269
69#20HD
750
CONTACTS
35
37
41
55
69
1
10
25
15
35
18
30
20
5
4
5
9
15
22
28
33
37
34
29
23
16
10
1
1
5
25
10
15
30
20
35
36
37
38
39
2
3
4
6
7
8
9
11
12
13
14
16
17
18
19
21
22
23
24
26
27
28
29
31
32
33
34
40
41
2
3
9
16
24
31
39
46
52
55 54 53
47
40
32
25
17
10
1
4
1
2
3
4
6
7
8
9
5
10
11
12
13
14
16
17
18
19
15
20
21
22
23
24
26
27 28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60 61
62
63
64
65
66
67
68
69
25
2M801
2M803
2M804
2M805
# OF CONTACTS & SIZE
DWV VOLTAGE (VAC)
17-85
NA
15-85
19-85
85#23
500
21-130
NA
NA
23-130
130#23
500
CONTACTS
85
130
5
20
29
82
85
81
74
66
57
47
38
28
19 11
75 67
58
48
39
12
1
4
1
7 16
26
37
49
60
72
83
95
106
116
125
130
124
115
105
94
82
71
59
48 36
25 15
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com