Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS16
Description  Silicon Switching Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS16 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS16 Datasheet HTML 1Page - Infineon Technologies AG BAS16 Datasheet HTML 2Page - Infineon Technologies AG BAS16 Datasheet HTML 3Page - Infineon Technologies AG BAS16 Datasheet HTML 4Page - Infineon Technologies AG BAS16 Datasheet HTML 5Page - Infineon Technologies AG BAS16 Datasheet HTML 6Page - Infineon Technologies AG BAS16 Datasheet HTML 7Page - Infineon Technologies AG BAS16 Datasheet HTML 8Page - Infineon Technologies AG BAS16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Dec-04-2003
1
BAS16...
Silicon Switching Diode
• For high-speed switching applications
BAS16-07L4
BAS16S
BAS16U
BAS16-02L
BAS16-02V
BAS16-02W
BAS16-03W
BAS16
BAS16W
3
1
2
1
D 1
2
3
4
5
6
D 2
D 3
1
D 2
2
3
4
D 1
1
2
Type
Package
Configuration
Marking
BAS16
BAS16-02L*
BAS16-02V
BAS16-02W
BAS16-03W
BAS16-07L4*
BAS16S
BAS16U
BAS16W
SOT23
TSLP-2-1
SC79
SCD80
SOD323
TSLP-4-4
SOT363
SC74
SOT323
single
single, leadless
single
single
single
parallel pair, leadless
parallel triple
parallel triple
single
A6s
A6
6
A6
B
6A
A6s
A6s
A6s
* Preliminary Data


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
Silicon Switching Diode
Jan-30-2003
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
Silicon Switching Diode
Sep-24-2003
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
SILICON SWITCHING DIODE
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
Silicon Switching Diode
2007-09-19
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
Silicon switching diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com