Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-07 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS70-07
Description  Silicon Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70-07 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS70-07 Datasheet HTML 1Page - Infineon Technologies AG BAS70-07 Datasheet HTML 2Page - Infineon Technologies AG BAS70-07 Datasheet HTML 3Page - Infineon Technologies AG BAS70-07 Datasheet HTML 4Page - Infineon Technologies AG BAS70-07 Datasheet HTML 5Page - Infineon Technologies AG BAS70-07 Datasheet HTML 6Page - Infineon Technologies AG BAS70-07 Datasheet HTML 7Page - Infineon Technologies AG BAS70-07 Datasheet HTML 8Page - Infineon Technologies AG BAS70-07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Feb-03-2003
3
BAS70... / BAS170W
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 10 µA
V(BR)
70
-
-
V
Reverse current
VR = 50 V
IR
-
-
0.1
µA
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 15 mA
VF
300
600
750
375
705
880
410
750
1000
mV
Forward voltage matching1)
IF = 10 mA
VF
-
-
20
AC Characteristics
Diode capacitance
VR = 0 , f = 1 MHz
CT
-
1.5
2
pF
Forward resistance
IF = 10 mA, f = 10 kHz
rf
-
34
-

Charge carrier life time
IF = 25 mA
 rr
-
-
100
ps
1
VF is the difference between lowest and highestVF in a multiple diode component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com