Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-07 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAS40-07
Description  Silicon Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS40-07 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAS40-07 Datasheet HTML 1Page - Infineon Technologies AG BAS40-07 Datasheet HTML 2Page - Infineon Technologies AG BAS40-07 Datasheet HTML 3Page - Infineon Technologies AG BAS40-07 Datasheet HTML 4Page - Infineon Technologies AG BAS40-07 Datasheet HTML 5Page - Infineon Technologies AG BAS40-07 Datasheet HTML 6Page - Infineon Technologies AG BAS40-07 Datasheet HTML 7Page - Infineon Technologies AG BAS40-07 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Jan-16-2004
2
BAS40.../BAS140W
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
40
V
Forward current
IF
120
mA
Non-repetitive peak surge forward current
t
≤ 10ms
IFSM
200
Total power dissipation
BAS140W, TS ≤ 113°C
BAS40, BAS40-07, TS ≤ 81°C
BAS40-02L, TS ≤ 127°C
BAS40-04, BAS40-06, TS ≤ 56°C
BAS40-06W, TS ≤ 106°C
BAS40-05, TS ≤ 31°C
BAS40-05W, TS ≤ 98°C
BAS40-07W, TS ≤ 118°C
Ptot
250
250
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAS140W
BAS40, BAS40-07
BAS40-02L
BAS40-04, BAS40-06
BAS40-06W
BAS40-05
BAS40-05W
BAS40-07W
RthJS
≤ 150
≤ 275
≤ 90
≤ 375
≤ 175
≤ 475
≤ 205
≤ 125
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com