Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1677 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated AL1677 Datasheet HTML 10Page - Diodes Incorporated AL1677 Datasheet HTML 11Page - Diodes Incorporated AL1677 Datasheet HTML 12Page - Diodes Incorporated AL1677 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
12 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Package Outline Dimensions (All dimensions in mm (inch).)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82

0°
8°
All Dimensions in mm
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X
C1
C2
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com