Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV74 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAV74
Description  Silicon Switching Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV74 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAV74 Datasheet HTML 1Page - Infineon Technologies AG BAV74 Datasheet HTML 2Page - Infineon Technologies AG BAV74 Datasheet HTML 3Page - Infineon Technologies AG BAV74 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV74
Jul-31-2001
1
Silicon Switching Diode Array
 For high-speed switching applications
 Common cathode
1
2
3
VPS05161
EHA07004
1
3
2
Type
Marking
Pin Configuration
Package
BAV74
JAs
1 = A1
2 = A2
3 = C1/2
SOT23
Maximum Ratings
Parameter
Value
Symbol
Unit
V
Diode reverse voltage
VR
50
Peak reverse voltage
50
VRM
IF
200
mA
Forward current
A
4.5
Surge forward current, t = 1
s
IFS
Total power dissipation, TS = 35 °C
Ptot
250
mW
Tj
150
Junction temperature
°C
-65 ... 150
Storage temperature
Tstg
Thermal Resistance
Junction - soldering point1)
RthJS
 460
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Weitron Technology
BAV74 WEITRON-BAV74 Datasheet
177Kb / 3P
Surface Mount Switching Diode
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBD2835 SIEMENS-SMBD2835 Datasheet
100Kb / 4P
Silicon Switching Diode Array
SMBD2837 SIEMENS-SMBD2837 Datasheet
100Kb / 4P
Silicon Switching Diode Array
SMBD6100 SIEMENS-SMBD6100 Datasheet
99Kb / 4P
Silicon Switching Diode Array
SMBD7000 SIEMENS-SMBD7000 Datasheet
99Kb / 4P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BGX50A INFINEON-BGX50A Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
SMBD7000 INFINEON-SMBD7000 Datasheet
444Kb / 4P
Silicon Switching Diode Array
Mar-10-2004
logo
Guangdong Kexin Industr...
BAW101 KEXIN-BAW101 Datasheet
38Kb / 2P
Silicon Switching Diode Array
BAW100 KEXIN-BAW100 Datasheet
39Kb / 2P
Silicon Switching Diode Array
BAS28W KEXIN-BAS28W Datasheet
40Kb / 2P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BGX50A INFINEON-BGX50A_07 Datasheet
69Kb / 6P
Silicon Switching Diode Array
2007-03-27
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com