Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAV99
Description  Silicon Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV99 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAV99 Datasheet HTML 1Page - Infineon Technologies AG BAV99 Datasheet HTML 2Page - Infineon Technologies AG BAV99 Datasheet HTML 3Page - Infineon Technologies AG BAV99 Datasheet HTML 4Page - Infineon Technologies AG BAV99 Datasheet HTML 5Page - Infineon Technologies AG BAV99 Datasheet HTML 6Page - Infineon Technologies AG BAV99 Datasheet HTML 7Page - Infineon Technologies AG BAV99 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Mar-10-2004
2
BAV99...
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
80
V
Peak reverse voltage
VRM
85
Forward current
IF
200
mA
Non-repetitive peak surge forward current
t = 1 µs
t = 1 ms
t = 1 s, single
t = 1 s, double
IFSM
4.5
1
0.5
0.75
A
Total power dissipation
BAV99, TS ≤ 28°C
BAV99F, TS ≤ tbd
BAV99S, TS ≤ 85°C
BAV99T, TS ≤ 104°C
BAV99U, TS ≤ 113°C
BAV99W, TS ≤ 110°C
Ptot
330
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAV99
BAV99F
BAV99S
BAV99T
BAV99U
BAV99W
RthJS
≤ 360
≤ tbd
≤ 260
≤ 185
≤ 150
≤ 160
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com