Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3591 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3591
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3591 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3591 Datasheet HTML 8Page - Diodes Incorporated AP3591 Datasheet HTML 9Page - Diodes Incorporated AP3591 Datasheet HTML 10Page - Diodes Incorporated AP3591 Datasheet HTML 11Page - Diodes Incorporated AP3591 Datasheet HTML 12Page - Diodes Incorporated AP3591 Datasheet HTML 13Page - Diodes Incorporated AP3591 Datasheet HTML 14Page - Diodes Incorporated AP3591 Datasheet HTML 15Page - Diodes Incorporated AP3591 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP3591
Document number: DS36906 Rev. 1 - 2
12 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AP3591
A Product Line of
Diodes Incorporated
Application Information (Cont.)
Power On from EN (DEM Mode)
Figure 1. Start-up Behavior of AP3591
4. Power Good Output
The AP3591 features power good output to monitor the output voltage. It is an open-drain output and should be connected to a 5V power supply
node through a resistor. The power good function is active after the soft start is finished. PGOOD signal becomes high if output voltage reaches
±5% of the target value after 64µs delay building into the PGOOD circuitry. It will become low immediately if the output voltage goes beyond ±10%
of the target value.
5. Soft Stop
The AP3591 has a built in soft-stop circuitry. The output is discharged with an i
nternal 20Ω transistor when EN/DEM is low or the device is in a
fault condition including UVLO and OTP. The discharge time constant is determined by the output capacitance and resistance of the discharge
transistor.
6. Pre-biased Output
Figure 2 shows the normal VOUT start-up curve in blue; Initialization begins at T0, and output ramps between T1 and T2. If the output is pre-biased
to a voltage less than the expected value, as shown by the magenta curve, the AP3591 will detect that condition. Neither MOSFET will turn on
until the soft-start ramp voltage exceeds the output. VOUT starts seamlessly ramping from there. If the output is pre-biased to a voltage above the
expected value, as showed in the black curve, neither MOSFET will turn on until the output voltage is pulled down to the expected value through
external load. Any resistive load connected to the output will help pull down the voltage.
T0
T1
T2
VOUT Normal
VOUT Pre-Biased
VOUT Over-Charged
GND
Figure 2. Start-up Behavior with Pre-biased Output Voltage
VOUT
1V/div
VUGATE
20V/div
VEN
2V/div
VPGOOD
5V/div
Time 400µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com