Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3776B Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3776B
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776B Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3776B Datasheet HTML 1Page - Diodes Incorporated AP3776B Datasheet HTML 2Page - Diodes Incorporated AP3776B Datasheet HTML 3Page - Diodes Incorporated AP3776B Datasheet HTML 4Page - Diodes Incorporated AP3776B Datasheet HTML 5Page - Diodes Incorporated AP3776B Datasheet HTML 6Page - Diodes Incorporated AP3776B Datasheet HTML 7Page - Diodes Incorporated AP3776B Datasheet HTML 8Page - Diodes Incorporated AP3776B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP3776B
Document number: DS36737 Rev. 6 - 2
5 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3776B
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Voltage at VCC to GND
-0.3 to 28
V
–
Voltage at OUT, EM to GND
-0.3 to 23
V
–
Voltage at IS, VCS, CPC to GND
-0.3 to 7
V
–
FB Input
-40 to 10
V
–
Output Current at OUT
Internally limited
A
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10 Sec)
+300
ºC
θJA
Thermal Resistance Junction-to-Ambient
190
ºC/W
ESD
Electrostatic Discharge
Capability
Human Body Model
6000
V
Charged Device Model
2500
V
Machine Model
200
V
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Electrical Characteristics (@TA = +25°C, VCC = 15V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO SECTION
VTH(ST)
Start-up Threshold
–
11
13
14
V
VOPR(Min)
Minimal Operating Voltage
After turning on
5.3
6.1
7.0
STANDBY CURRENT SECTION
IST
Start-up Current
VCC = VTH(ST)-1V,
Before turning on
0
0.2
0.6
µA
ICC(STB)
Standby Mode Quiescent Current
No load at OUT pin,
Standby Mode
60
100
130
ICC(QST)
Normal Mode Quiescent Current
No load at OUT pin,
Normal Mode
160
280
330
CURRENT SENSE SECTION
VCS
Current Sense Threshold (Note 5)
–
425
450
465
mV
tLEB
Leading Edge Blanking (Note 6)
–
300
500
700
ns
FEEDBACK INPUT SECTION
RFB
Input Resistance of FB Pin
VFB = 4V
0.5
0.7
0.9
M
Ω
VFB
Feedback Threshold Voltage
–
3.64
3.7
3.76
V
LINE COMPENSATION SECTION
gm
Line Compensation Transconductance
(Note 7)
–
0.55
0.7
0.85
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com