Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3790 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3790
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3790 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3790 Datasheet HTML 1Page - Diodes Incorporated AP3790 Datasheet HTML 2Page - Diodes Incorporated AP3790 Datasheet HTML 3Page - Diodes Incorporated AP3790 Datasheet HTML 4Page - Diodes Incorporated AP3790 Datasheet HTML 5Page - Diodes Incorporated AP3790 Datasheet HTML 6Page - Diodes Incorporated AP3790 Datasheet HTML 7Page - Diodes Incorporated AP3790 Datasheet HTML 8Page - Diodes Incorporated AP3790 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP3790
Document number: DS37221 Rev. 3 - 2
1 of 17
www.diodes.com
October 2014
© Diodes Incorporated
AP3790
A Product Line of
Diodes Incorporated
PUMP EXPRESS
TM COMPATIBLE AC/DC PSR CONTROLLER
Description
The AP3790 is a high accuracy and low cost switching mode power
supply controller to drive power bipolar transistor for battery
charger/adapter applications. The controller regulates the output
voltage and current in the primary side by piece-wise Pulse
Frequency Modulation (p-PFM) in discontinuous conduction mode
(DCM). The controller uses adaptive source current to optimize
driving current to reduce driving loss. The system operating frequency
reduces linearly from heavy load to light load in each interval of the p-
PFM, and enters constant current mode when the load current is
equal to the maximum system output current.
The output voltage of AP3790 can be adjusted based on the patterns
of load current aligned to MTK Pump Express protocol.
The AP3790 provides operating frequency Jitter function from light to
full load range to improve the power supply EMI performance. The
AP3790 also has built-in fixed cable voltage drop compensation (6%
of nominal system output voltage) and adjustable line voltage
compensation.
The AP3790 can work individually to achieve Ultra-Low standby
power under 5V output.
The AP3790 is packaged in SO-8.
Applications
Adapters/Chargers
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
GND
FB
NC
OUT
NC
CS
VCC
CPC
SO-8
Features
Compatible to MediaTek Pump Express
TM Protocol
Ultra-Low Standby Power Consumption
Valley-turn On to Reduce Switching Loss and Benefit for EMI
Piece-wise
Frequency
Reduction
to
Enhance
Conversion
Efficiency and Suppress Audio Noise
±5% Constant Voltage Accuracy for 5V Output
Audio Noise Suppression
Open Circuit Protection (OCkP)
Current Sense Resistor Short Protection
Over Voltage Protection (OVP)
Over Temperature Protection (OTP)
Short Circuit Protection (SCP) with Hiccup
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3790

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3792S-13 DIODES-AP3792S-13 Datasheet
646Kb / 15P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev. 2 - 2 May 2020
More results

Similar Description - AP3790

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL1630 UTC-UPSL1630 Datasheet
199Kb / 7P
PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE
logo
Diodes Incorporated
APS39903 DIODES-APS39903 Datasheet
609Kb / 17P
PUMP EXPRESSTM COMPATIBLE AC/DC PSR SWITCHER
Rev 2
logo
Rohm
BD555BKFV ROHM-BD555BKFV_13 Datasheet
592Kb / 16P
AC/DC Controller IC
logo
Linkage Goston Electron...
SM8013C LINKAGE-SM8013C Datasheet
5Mb / 8P
AC / DC PWM controller
SM8015 LINKAGE-SM8015 Datasheet
2Mb / 8P
AC / DC PWM controller
logo
Maxic Technology Corpor...
MT7943 MAXIC-MT7943 Datasheet
156Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
MT7944D MAXIC-MT7944D Datasheet
154Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
AC/DC PSR Controller for Dimmable LED Lighting
logo
Sony Corporation
CXA3809M SONY-CXA3809M Datasheet
462Kb / 62P
AC-DC Controller
CXA3810M SONY-CXA3810M Datasheet
549Kb / 70P
AC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com