Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACQ374 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACQ374
Description  Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACQ374 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54ACQ374 Datasheet HTML 1Page - National Semiconductor (TI) 54ACQ374 Datasheet HTML 2Page - National Semiconductor (TI) 54ACQ374 Datasheet HTML 3Page - National Semiconductor (TI) 54ACQ374 Datasheet HTML 4Page - National Semiconductor (TI) 54ACQ374 Datasheet HTML 5Page - National Semiconductor (TI) 54ACQ374 Datasheet HTML 6Page - National Semiconductor (TI) 54ACQ374 Datasheet HTML 7Page - National Semiconductor (TI) 54ACQ374 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams (Continued)
Pin Names
Description
D
0–D7
Data Inputs
CP
Clock Pulse Input
OE
TRI-STATE Output Enable Input
O
0–O7
TRI-STATE Outputs
Functional Description
The ’ACQ/’ACTQ374 consists of eight edge-triggered
flip-flops with individual D-type inputs and TRI-STATE true
outputs. The buffered clock and buffered Output Enable are
common to all flip-flops. The eight flip-flops will store the
state of their individual D inputs that meet the setup and hold
time requirements on the LOW-to-HIGH Clock (CP) transi-
tion. With the Output Enable (OE) LOW, the contents of the
eight flip-flops are available at the outputs. When the OE is
HIGH, the outputs go to the high impedance state. Operation
of the OE input does not affect the state of the flip-flops.
Truth Table
Inputs
Outputs
D
n
CP
OE
O
n
H
N
LH
L
N
LL
XX
H
Z
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
N = LOW-to-HIGH Transition
Logic Diagram
DS100239-5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com