Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99T Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAV99T
Description  Silicon Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV99T Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAV99T Datasheet HTML 1Page - Infineon Technologies AG BAV99T Datasheet HTML 2Page - Infineon Technologies AG BAV99T Datasheet HTML 3Page - Infineon Technologies AG BAV99T Datasheet HTML 4Page - Infineon Technologies AG BAV99T Datasheet HTML 5Page - Infineon Technologies AG BAV99T Datasheet HTML 6Page - Infineon Technologies AG BAV99T Datasheet HTML 7Page - Infineon Technologies AG BAV99T Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Mar-10-2004
3
BAV99...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 100 µA
V(BR)
85
-
-
V
Reverse current
VR = 70 V
VR = 25 V, TA = 150 °C
VR = 70 V, TA = 150 °C
IR
-
-
-
-
-
-
0.15
30
50
µA
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 100 mA
IF = 150 mA
VF
-
-
-
-
-
-
-
-
-
-
715
855
1000
1200
1250
mV
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 0 V, f = 1 MHz
CT
-
-
1.5
pF
Reverse recovery time
IF = 10 mA, IR = 10 mA, measured at IR = 1mA,
RL = 100 Ω
trr
-
-
4
ns
Test circuit for reverse recovery time
EHN00019
Ι
F
D.U.T.
Oscillograph
Pulse generator: tp = 100ns, D = 0.05,
tr = 0.6ns, Ri = 50Ω
Oscillograph: R = 50, tr = 0.35ns
C
≤ 1pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com