Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2401 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM2401
Description  1.0MHz STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2401 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PAM2401 Datasheet HTML 2Page - Diodes Incorporated PAM2401 Datasheet HTML 3Page - Diodes Incorporated PAM2401 Datasheet HTML 4Page - Diodes Incorporated PAM2401 Datasheet HTML 5Page - Diodes Incorporated PAM2401 Datasheet HTML 6Page - Diodes Incorporated PAM2401 Datasheet HTML 7Page - Diodes Incorporated PAM2401 Datasheet HTML 8Page - Diodes Incorporated PAM2401 Datasheet HTML 9Page - Diodes Incorporated PAM2401 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PAM2401
Document number: DS37285 Rev. 1 - 2
7 of 10
www.diodes.com
May 2014
© Diodes Incorporated
PAM2401
A Product Line of
Diodes Incorporated
Typical Performance Characteristics (cont.) (TA = +25°C, VIN = 3.3V, VOUT = 5V, unless otherwise noted.)
0
100
200
300
400
500
600
700
800
900 1000 1100
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Output Current(mA)
Vo=3.3V
Vo=3.6V
Vo=4.2V
Vo=5V
Figure 10 Minimum Startup Input Voltage vs. Output Current
Figure 11 Enable Turn On (IO = 1A)
(CH1: Enable; CH2: VOUT; CH3:SW; CH4: IO)
Figure 12 Enable Turn Off (IO = 1A)
(CH1: Enable; CH2:VOUT; CH3:SW; CH4:Io)
Figure 13 Output Ripple (IO = 0A)
(CH1:SW; CH2: VOUT-AC; CH4:IL)
Figure 14 Output Ripple (IO = 0.2A)
(CH1: SW; CH2:VOUT-AC; CH4:IL)
Figure 15 VOUT Short Protection (IO = 1A)
(CH2:VOUT; CH3:IL)
Figure 16 VOUT Short Recovery (IO = 1A)
(CH2: VOUT; CH3: IL )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com