Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2861 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2861
Description  1A LED DRIVER WITH INTERNAL SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2861 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2861 Datasheet HTML 1Page - Diodes Incorporated PAM2861 Datasheet HTML 2Page - Diodes Incorporated PAM2861 Datasheet HTML 3Page - Diodes Incorporated PAM2861 Datasheet HTML 4Page - Diodes Incorporated PAM2861 Datasheet HTML 5Page - Diodes Incorporated PAM2861 Datasheet HTML 6Page - Diodes Incorporated PAM2861 Datasheet HTML 7Page - Diodes Incorporated PAM2861 Datasheet HTML 8Page - Diodes Incorporated PAM2861 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAM2861
Document number: DSxxxxx Rev. 1 - 1
1 of 12
www.diodes.com
July 2013
© Diodes Incorporated
PAM2861
A Product Line of
Diodes Incorporated
1A LED DRIVER WITH INTERNAL SWITCH
Description
The PAM2861 is a continuous mode inductive step-down converter,
designed for driving single or multiple series connected LEDs
efficiently from a voltage source higher than the LED voltage. The
device operates from an input supply between 6V and 40V and
provides an externally adjustable output current of up to 1A.
Depending upon supply voltage and external components, this can
provide up to 30 watts of output power.
The PAM2861 includes the output switch and a high-side output
current sensing circuit, which uses an external resistor to set the
nominal average output current.
Output current can be adjusted below the set value, by applying an
external control signal to the VSET pin.
The VSET pin will accept either a DC voltage or a PWM waveform.
The soft-start time can be increased using an external capacitor from
the VSET pin to ground. Applying a voltage of 0.2V or lower to the
VSET pin turns the output off and switches the device into a low
current standby state.
Features
Simple Low Parts Count
Internal 40V NDMOS Switch
1A Output Current
Single Pin On/Off and Brightness Control Using DC Voltage or
PWM
Soft-Start
High Efficiency (up to 97%)
Wide Input Voltage Range: 6V to 40V
Output Shutdown
Open LED Protection
Short LED Protection
Up to 1MHz Switching Frequency
Inherent Open-Circuit LED Protection
Typical 5% Output Current Accuracy
Pb-free TSOT25 and SOT89-5 Packages
Pin Assignments
Applications
Low voltage halogen replacement LEDs
Low voltage industrial lighting
LED back-side lighting
Illuminated signs
Top View
TSOT25


Similar Part No. - PAM2861

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2863 DIODES-PAM2863 Datasheet
402Kb / 11P
2A LED DRIVER with INTERNAL SWITCH
Rev 1
PAM2863ECR DIODES-PAM2863ECR Datasheet
402Kb / 11P
2A LED DRIVER with INTERNAL SWITCH
Rev 1
More results

Similar Description - PAM2861

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
1A LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
30V 1A LED driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com