Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW78D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAW78D
Description  Silicon Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAW78D Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAW78D Datasheet HTML 1Page - Infineon Technologies AG BAW78D Datasheet HTML 2Page - Infineon Technologies AG BAW78D Datasheet HTML 3Page - Infineon Technologies AG BAW78D Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb-03-2003
3
BAW78.../BAW79...
Reverse current IR =  (TA)
VR = 400V
BAW 78A...D
EHB00097
max
typ.
5
10 1
10
2
Ι
10
5
3
10
R
4
5
10
5
nA
50
0
˚C
T
A
100
150
Forward current IF =  (VF)
TA = 25°C
0
EHB00095
BAW 78A...D
Ι
V
F
F
1V
2
10 -2
-3
10
-1
10
0
10
1
10
A
Peak forward current IFM =  (tp)
EHB00100
-6
10
BAW 79A...D
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
10
10
-2
-1
FM
A
10
10
0
1
10
Ι
2
t
= 0.005
D
0.01
0.2
0.1
0.02
0.05
T
t p
T
=
D
t p
Forward current IF =  (TS)
BAW78D
0
15
30
45
60
75
90 105 120 °C
150
TS
0
100
200
300
400
500
600
700
800
900
1000
mA
1200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com