Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW79B Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAW79B
Description  Silicon Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAW79B Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAW79B Datasheet HTML 1Page - Infineon Technologies AG BAW79B Datasheet HTML 2Page - Infineon Technologies AG BAW79B Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAW79A...BAW79D
Aug-20-2001
3
Forward current IF = f (VF)
TA = 25°C
0
EHB00099
BAW 79A...D
Ι
V
F
F
1V
2
10 -2
-3
10
-1
10
0
10
1
10
A
Forward current IF = f (TS)
0
25
50
75
100
°C
150
TS
0
200
400
600
800
mA
1200
Peak forward current IFM = f (tp)
TA = 25°C
EHB00100
-6
10
BAW 79A...D
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
10
10
-2
-1
FM
A
10
10
0
1
10
Ι
2
t
= 0.005
D
0.01
0.2
0.1
0.02
0.05
T
t p
T
=
D
t p
Reverse current IR = f (TA)
VR = VRmax
BAW 79A...D
EHB00101
max
typ
5
10
10
5
1
2
10
10
5
Ι
R
3
4
10
nA
5
0
50
100
T
A
˚C
150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com