Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW79C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAW79C
Description  Silicon Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAW79C Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAW79C Datasheet HTML 1Page - Infineon Technologies AG BAW79C Datasheet HTML 2Page - Infineon Technologies AG BAW79C Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAW79A...BAW79D
Aug-20-2001
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Breakdown voltage
I(BR) = 100 µA
BAW79A
BAW79B
BAW79C
BAW79D
V(BR)
50
100
200
400
-
-
-
-
-
-
-
-
V
Forward voltage
IF = 1 A
IF = 2 A
VF
-
-
-
-
1.6
2
Reverse current
VR = VRmax
IR
-
-
1
µA
Reverse current
VR = VRmax , TA = 150 °C
IR
-
-
50
AC characteristics
Diode capacitance
VR = 0 V, f = 1 MHz
CD
-
10
-
pF
Reverse recovery time
IF = 200 mA, IR = 200 mA, RL = 100 ,
measured at IR = 20mA
trr
-
1
-
µs
Test circuit for reverse recovery time
EHN00019
Ι
F
D.U.T.
Oscillograph
Pulse generator: tp = 10µs, D = 0.05,
tr = 0.6ns, Ri = 50
Oscillograph: R = 50
, tr = 0.35ns,
C
 1pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com