Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1815 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH1815
Description  LOW SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1815 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH1815 Datasheet HTML 1Page - Diodes Incorporated AH1815 Datasheet HTML 2Page - Diodes Incorporated AH1815 Datasheet HTML 3Page - Diodes Incorporated AH1815 Datasheet HTML 4Page - Diodes Incorporated AH1815 Datasheet HTML 5Page - Diodes Incorporated AH1815 Datasheet HTML 6Page - Diodes Incorporated AH1815 Datasheet HTML 7Page - Diodes Incorporated AH1815 Datasheet HTML 8Page - Diodes Incorporated AH1815 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AH1815
Document number: DS37970 Rev. 2 - 2
5 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH1815
Typical Operating Characteristics
Magnetic Operating Switch Points
– Bop and Brp
Average Supply Current
-500
-400
-300
-200
-100
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Switch Points vs Temperature
VDD = 2.5V
Brpn
Bops
Bopn
Brps
Bhys
-500
-400
-300
-200
-100
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (° C)
Switch Points vs Temperature
Brpn
Bops
Bopn
Brps
Bhys
VDD = 3V
-500
-400
-300
-200
-100
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Switch Points vs Temperature
VDD = 5.5V
Brpn
Bops
Bopn
Bhys
Brps
-500
-400
-300
-200
-100
0
100
200
300
400
500
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
Switch Points vs Supply Voltage
Brpn
Bops
TA = 25 C
Bopn
Bhys
Brps
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
Temperature ( C)
Average Supply Current vs Temperature
3.0V
2.5V
3.6V
5.5V
0
5
10
15
20
25
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
Average Supply Current vs Supply Voltage
TA = 25 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com