Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7341-25FS4-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7341-25FS4-7
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7341-25FS4-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7341-25FS4-7 Datasheet HTML 1Page - Diodes Incorporated AP7341-25FS4-7 Datasheet HTML 2Page - Diodes Incorporated AP7341-25FS4-7 Datasheet HTML 3Page - Diodes Incorporated AP7341-25FS4-7 Datasheet HTML 4Page - Diodes Incorporated AP7341-25FS4-7 Datasheet HTML 5Page - Diodes Incorporated AP7341-25FS4-7 Datasheet HTML 6Page - Diodes Incorporated AP7341-25FS4-7 Datasheet HTML 7Page - Diodes Incorporated AP7341-25FS4-7 Datasheet HTML 8Page - Diodes Incorporated AP7341-25FS4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP7341
Document number: DS36523 Rev. 4 - 2
4 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP7341
Typical Characteristics
Output Noise (AP7341-33)
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
0
100
200
300
400
500
Output Current I OUT (mA)
Output Voltage vs. Output Current
AP7341-18
V
IN=2.8
V
V
IN=3.6
V
V
IN=4.2
V
V
IN=5V
V
IN=5.5
V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
Output Current I OUT (mA)
Output Voltage vs. Output Current
AP7341-25
VIN=3.5V
VIN=4.2V
VIN=5V
VIN=5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
500
Output Current I OUT (mA)
Output Voltage vs. Output Current
AP7341-33
V
IN=4.3V
V
IN=5V
V
IN=5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
Input Voltage V IN (V)
Output Voltage vs. Intput Voltage
AP7341-25
I
OUT=1mA
I
OUT=30mA
I
OUT=50mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
Input Voltage V IN (V)
Output Voltage vs. Intput Voltage
AP7341-33
I
OUT=1mA
I
OUT=30m
A
I
OUT=50m
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com