Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9101C Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP9101C
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9101C Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP9101C Datasheet HTML 4Page - Diodes Incorporated AP9101C Datasheet HTML 5Page - Diodes Incorporated AP9101C Datasheet HTML 6Page - Diodes Incorporated AP9101C Datasheet HTML 7Page - Diodes Incorporated AP9101C Datasheet HTML 8Page - Diodes Incorporated AP9101C Datasheet HTML 9Page - Diodes Incorporated AP9101C Datasheet HTML 10Page - Diodes Incorporated AP9101C Datasheet HTML 11Page - Diodes Incorporated AP9101C Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AP9101C
Document number: DS37771 Rev. 3 - 2
8 of 18
www.diodes.com
December 2015
© Diodes Incorporated
AP9101C
Operation Description (Continued)
6.
0V Battery Charging Function (Option)
This function is available as an option and can be factory set internally. AP9101C has this function built in.
0V charging function permits charger to recharge the battery whose voltage is 0V due to self-discharge. If 0V charging function is not present, the
device will prevent charger to recharge the battery whose voltage is 0V due to self-discharge. (If a device without 0V charging function is needed,
please contact Diodes sales team)
7.
Overvoltage Charger Detection Circuit
This function is used to monitor the charger voltage between the VDD Pin and VM Pin, and when this voltage exceeds overvoltage charger
detection voltage (8.0V Typ), the AP9101C will set CO Pin low level to turn off charge MOSFET. When this voltage drops below overvoltage
charger release voltage (7.3V Typ), CO Pin will be set to high level and turn on charge MOSFET. There are no delay times set for detection and
release.
8.
Power-Down Mode or Auto-Wake-Up Function Option
In device with power-down function, during power-down mode, device enters the overdischarge status. The IC enters sleep mode and the current
consumption becomes very low, typically 0.1µA. To release from power-down status to the normal status, charger connection is required.
In device with auto-wakeup mode, the IC remains active in the overdischarge state. The IC is released into the normal state by the operation that
increases the battery voltage more than overdischarge release voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com