Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9211 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP9211
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9211 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP9211 Datasheet HTML 9Page - Diodes Incorporated AP9211 Datasheet HTML 10Page - Diodes Incorporated AP9211 Datasheet HTML 11Page - Diodes Incorporated AP9211 Datasheet HTML 12Page - Diodes Incorporated AP9211 Datasheet HTML 13Page - Diodes Incorporated AP9211 Datasheet HTML 14Page - Diodes Incorporated AP9211 Datasheet HTML 15Page - Diodes Incorporated AP9211 Datasheet HTML 16Page - Diodes Incorporated AP9211 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AP9211
Document number: DS37596 Rev. 2 - 2
16 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9211
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
A
A3
Seating Plane
D
E
D2
E2
b
b2
A1
z
R0.150
L
Pin1 ID
e1
e
1
U-DFN2030-6
(Type C)
Dim
Min
Max
Typ
A
0.50
0.60
--
A1
0.00
0.05
0.02
A3
--
--
0.127
b
0.25
0.35
0.30
b2
0.60
0.70
0.65
D
1.90
2.10
2.00
D2
1.60
1.80
1.70
E
2.90
3.10
3.00
E2
1.60
1.80
1.70
e
--
--
0.60
e1
--
--
0.775
L
0.25
0.35
0.30
z
0.0500 Ref
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X1
X
G1
C1
C
Y1
X2
G
Y
Dimensions
Value
(in mm)
C
0.600
C1
0.775
G
0.200
G1
0.200
X
0.400
X1
0.750
X2
1.800
Y
0.500
Y1
1.800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com