Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22802 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP22802
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22802 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP22802 Datasheet HTML 1Page - Diodes Incorporated AP22802 Datasheet HTML 2Page - Diodes Incorporated AP22802 Datasheet HTML 3Page - Diodes Incorporated AP22802 Datasheet HTML 4Page - Diodes Incorporated AP22802 Datasheet HTML 5Page - Diodes Incorporated AP22802 Datasheet HTML 6Page - Diodes Incorporated AP22802 Datasheet HTML 7Page - Diodes Incorporated AP22802 Datasheet HTML 8Page - Diodes Incorporated AP22802 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP22802
Document number: DS36218 Rev. 3 - 2
5 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP22802
965010
Performance Characteristics (Cont.) (TA = +25°C, VIN = 5V, CIN = 1μF, CL = 0.1μF, unless otherwise specified.)
Turn on Delay and Rise Time
Turn Off Delay and Fall Time
Turn-On Delay and Rise Time
Turn-Off Delay and Fall Time
Device Enabled Into Short-Circuit
Inrush Current
VOUT
2V/div
VOUT
5V/div
VOUT
5V/div
VOUT
2V/div
EN
5V/div
EN
5V/div
EN
5V/div
EN
5V/div
EN
5V/div
EN
5V/div
IIN
200mA/div
IIN
2A/div
IIN
2A/div
IIN
200mA/div
IOUT
1A/div
IIN
1A/div
1ms/div
1ms/div
400
μs/div
400
μs/div
1ms/div
1ms/div
Active Low
VIN=5V
OUT grounded
VIN=5V
RLOAD=2.5Ω
CL=220μF
CL=470μF
CL=120μF
CL=1μF
VIN=5V
RLOAD=2.5Ω
CL=120μF
VIN=5V
RLOAD=2.5Ω
CL=120μF
VIN=3.3V
RLOAD=10Ω
CL=4.7μF
VIN=3.3V
RLOAD=10Ω
CL=4.7μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com