Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22850 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22850
Description  10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22850 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22850 Datasheet HTML 1Page - Diodes Incorporated AP22850 Datasheet HTML 2Page - Diodes Incorporated AP22850 Datasheet HTML 3Page - Diodes Incorporated AP22850 Datasheet HTML 4Page - Diodes Incorporated AP22850 Datasheet HTML 5Page - Diodes Incorporated AP22850 Datasheet HTML 6Page - Diodes Incorporated AP22850 Datasheet HTML 7Page - Diodes Incorporated AP22850 Datasheet HTML 8Page - Diodes Incorporated AP22850 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP22850
Document number: DS36540 Rev. 2 - 2
2 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP22850
0
Typical Applications Circuit
VIN
SS
EN
GND
VOUT
DIS
PG
CL
RL
RDIS
ON
OFF
RPULL-UP
CSS
VBIAS
AP22850
Pin Descriptions
Pin Name
Pin Number
Function
SS
1
Soft-Start Adjust
An external capacitor connected between this pin and VOUT sets the ramp-up time of VOUT
EN
2
Enable Input
Active high
VIN
3, 4
Input Voltage
Connects to the Source of the P-channel MOSFET
GND
5
Ground
VBIAS
6
Supply Voltage
Recommended range: 2.5V
≤ VBIAS ≤ 5.5V
PG
7
Power Good
Open-drain output to indicate when the P-channel pass switch is fully enhanced
DIS
8
Output Discharge
An external resistor between DIS and VOUT sets the discharge rate of VOUT
VOUT
PAD
Output Voltage
PAD connects to the Drain of the P-channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com