Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22966 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22966
Description  5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22966 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22966 Datasheet HTML 1Page - Diodes Incorporated AP22966 Datasheet HTML 2Page - Diodes Incorporated AP22966 Datasheet HTML 3Page - Diodes Incorporated AP22966 Datasheet HTML 4Page - Diodes Incorporated AP22966 Datasheet HTML 5Page - Diodes Incorporated AP22966 Datasheet HTML 6Page - Diodes Incorporated AP22966 Datasheet HTML 7Page - Diodes Incorporated AP22966 Datasheet HTML 8Page - Diodes Incorporated AP22966 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP22966
Document number: DS36217 Rev. 2 - 2
2 of 14
www.diodes.com
November 2014
© Diodes Incorporated
AP22966
010
Pin Descriptions
Pin Name
Pin Number
Function
VIN1
1, 2
Channel 1 input. Recommended voltage range for this pin for optimal RON performance from 0.8V to VBIAS.
Place an optional decoupling capacitor between this pin and GND for reduce VIN dip during turn on.
EN1
3
Active High Channel 1 enable input
VBIAS
4
VBIAS Voltage. Recommended voltage range from 2.5V to 5.5V.
EN2
5
Active High Channel 2 enable input
VIN2
6, 7
Channel 2 input. Recommended voltage range for this pin for optimal RON performance from 0.8V to VBIAS.
Place an optional decoupling capacitor between this pin and GND for reduce VIN dip during turn on.
VOUT2
8, 9
Channel 2 output
This pin connects to the Source of the 2
nd N-channel MOSFET.
SS2
10
Channel 2 slew rate control
An external capacitor connected to this pin will set the ramp-up time for Channel 2 output.
GND
11/PAD
Ground
Connect Pin 11 and PAD together to system ground.
SS1
12
Channel 1 slew rate control
An external capacitor connected to this pin will set the ramp-up time for Channel 1 output.
VOUT1
13, 14
Channel 1 output
This pin connects to the Source of the 1
st N-channel MOSFET
Functional Block Diagram
SSx
ENx
GND
VINx
VOUTx
Charge
Pump
where x is the channel number (1 or 2)
VBIAS
RDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com