Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXUV20ELCS Datasheet(PDF) 1 Page - OptoDiode Corp

Part # AXUV20ELCS
Description  Ceramic socket for devices to eliminate soldering to leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

AXUV20ELCS Datasheet(HTML) 1 Page - OptoDiode Corp

  AXUV20ELCS Datasheet HTML 1Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
PHOTODIODE SOCKET
AXUV20ELCS
Revision April 9, 2015
FEATURES
• Ceramic socket for devices to eliminate soldering to leads
• For use with AXUV20ELG photodiode with 2.54mm lead spacing
• Low outgassing materials for vacuum compatibility
Dimensions are in inch [metric] units.
RoHS


Similar Part No. - AXUV20ELCS

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV20ELG OPTODIODE-AXUV20ELG Datasheet
242Kb / 2P
PHOTODIODE 20 ELEMENT 22 pin dual in-line package
AXUV20ELG OPTODIODE-AXUV20ELG Datasheet
503Kb / 4P
Photodiode 20 Element
AXUV20ELG OPTODIODE-AXUV20ELG_18 Datasheet
503Kb / 4P
Photodiode 20 Element
More results

Similar Description - AXUV20ELCS

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WV-T220-101E OHMITE-WV-T220-101E Datasheet
82Kb / 1P
For TO-220 and TO-247 devices
logo
Freescale Semiconductor...
AN3150 FREESCALE-AN3150 Datasheet
183Kb / 4P
Soldering Recommendations for Pressure Sensor Devices
logo
OptoDiode Corp
AXUV16ELCS OPTODIODE-AXUV16ELCS Datasheet
237Kb / 1P
Ceramic socket for devices to eliminate soldering to leads
AXUV20ACS OPTODIODE-AXUV20ACS Datasheet
230Kb / 1P
Ceramic socket for devices to eliminate soldering to leads
logo
Aries Electronics, Inc.
23027 ARIES-23027 Datasheet
1Mb / 2P
ADG Coating to Lessen/Eliminate Probe Cleaning
logo
TOKO, Inc
SAZ73D TOKO-SAZ73D Datasheet
286Kb / 1P
Applicable to reflow soldering
logo
PHOENIX CONTACT
UNIFOX-WRENCH PHOENIX-UNIFOX-WRENCH Datasheet
42Kb / 2P
Ergonomic handle design to eliminate fatigue when working
logo
P-tec Corporation
PL105-4G13 P-TEC-PL105-4G13 Datasheet
547Kb / 5P
Light Isolation Tabs to eliminate light bleed
PL105-4R12 P-TEC-PL105-4R12 Datasheet
387Kb / 5P
Light Isolation Tabs to eliminate light bleed
logo
Infineon Technologies A...
SP000983442 INFINEON-SP000983442 Datasheet
81Kb / 2P
Gate leads for HP disc devices
2017-09-19 Revision: 3.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com