Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14P11P Datasheet(PDF) 12 Page - Littelfuse

Part # V14P11P
Description  Reduced footprint and volume required for surge protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14P11P Datasheet(HTML) 12 Page - Littelfuse

Back Button V14P11P Datasheet HTML 4Page - Littelfuse V14P11P Datasheet HTML 5Page - Littelfuse V14P11P Datasheet HTML 6Page - Littelfuse V14P11P Datasheet HTML 7Page - Littelfuse V14P11P Datasheet HTML 8Page - Littelfuse V14P11P Datasheet HTML 9Page - Littelfuse V14P11P Datasheet HTML 10Page - Littelfuse V14P11P Datasheet HTML 11Page - Littelfuse V14P11P Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
Part Numbering System
Littelfuse Varistor
V05E 11
XXXXX
Disc Size
05, 07, 10, 14 or 20 mm
Coating
E: Epoxy
P: Phenolic
VM(AC)RMS
11V to 40V
P L1 B
Lead-Free and
RoHS Compliant
Other
Non-Standard
Options
Packaging
Blank or B: Bulk Pack
T: Tape and Reel
A: Ammo Pack
5
Lead Spacing Options
Blank: Standard lead spacing
(See Dimensions Table)
5: 5mm+/-1.0mm
7: 7.5mm+/-1.0mm
1: 10mm+/-1.0mm
Lead Formation
Blank or L1: Straight
L2: Crimped
L3: In-Line
L4: Trim/Crimp (Bulk pack only)
SYMBOL
DESCRIPTION
MODEL SIZE
5mm
7mm
10mm
14mm
20mm
P
Pitch of Component
12.7 +/- 1.0
12.7 +/- 1.0
25.4 +/- 1.0
25.4 +/- 1.0
25.4 +/- 1.0
P
0
Feed Hole Pitch
12.7 +/- 0.2
12.7 +/- 0.2
12.7 +/- 0.2
12.7 +/- 0.2
12.7 +/- 0.2
P
1
Feed Hole Center to Pitch
3.85 +/- 0.7
3.85 +/- 0.7
8.85 +/- 0.7
8.85 +/- 0.7
8.85 +/- 0.7
P
2
Hole Center to Component Center
6.35 +/- 1.0
6.35 +/- 1.0
12.7 +/- 0.7
12.7 +/- 0.7
12.7 +/- 0.7
F
Lead to Lead Distance
5.0 +/- 1.0
5.0 +/-1.0
7.5 +/- 1.0
7.5 +/- 1.0
7.5 +/- 1.0
h
Component Alignment
2.0 Max
2.0 Max
2.0 Max
2.0 Max
2.0 Max
W
Tape Width
18.0 +1.0 / -0.5
18.0 +1.0 / -0.5
18.0 +1.0 / -0.5
18.0 +1.0 / -0.5
18.0 +1.0 / -0.5
W
0
Hold Down Tape Width
12.0 +/- 0.3
12.0 +/- 0.3
12.0 +/- 0.3
12.0 +/- 0.3
12.0 +/- 0.3
W
1
Hole Position
9.0 +0.75 / -0.50 9.0 +0.75 / -0.50 9.0 +0.75 / -0.50 9.0 +0.75 / -0.50 9.0 +0.75 / -0.50
W
2
Hold Down Tape Position
0.5 Max
0.5 Max
0.5 Max
0.5 Max
0.5 Max
H
Height from Tape Center to
Component Base
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
H
0
Seating Plane Height
16.0 +/- 0.5
16.0 +/- 0.5
16.0 +/- 0.5
16.0 +/- 0.5
16.0 +/- 0.5
H
1
Component Height
29.0 Max
32.0 Max
36.0 Max
40.0 Max
46.5 Max
D
0
Feed Hole Diameter
4.0 +/- 0.2
4.0 +/- 0.2
4.0 +/- 0.2
4.0 +/- 0.2
4.0 +/- 0.2
t
Total Tape Thickness
0.7 +/- 0.2
0.7 +/- 0.2
0.7 +/- 0.2
0.7 +/- 0.2
0.7 +/- 0.2
U
Undercrimp Width
8.0 Max
8.0 Max
8.0 Max
8.0 Max
8.0 Max
p
Component Alignment
3° Max
3º Max
3° Max
3° Max
3° Max
Tape and Reel Specifications (continued)
NOTES:
• Radial devices on tape are supplied with crimped leads, straight leads, or under-crimped leads
• Leads are offset by product dimension e1
• Conforms to ANSI and EIA specifications
• Can be supplied to IEC Publication 286-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com