Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP28 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCP28
Description  PNP Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP28 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCP28 Datasheet HTML 1Page - Infineon Technologies AG BCP28 Datasheet HTML 2Page - Infineon Technologies AG BCP28 Datasheet HTML 3Page - Infineon Technologies AG BCP28 Datasheet HTML 4Page - Infineon Technologies AG BCP28 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP28, BCP48
3
Nov-29-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Unit
Values
min.
max.
typ.
DC Characteristics
V
1
-
-
VCEsat
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
Base-emitter saturation voltage 1)
IC = 100 mA, IB = 0.1 mA
VBEsat
-
-
1.5
AC Characteristics
-
MHz
fT
-
Transition frequency
IC = 50 mA, VCE = 5 V, f = 100 MHz
200
-
Collector-base capacitance
VCB = 10 V, f = 1 MHz
-
Ccb
pF
8
1) Pulse test: t
≤ 300µs, D = 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com