Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP52 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCP52
Description  PNP Silicon AF Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP52 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCP52 Datasheet HTML 1Page - Infineon Technologies AG BCP52 Datasheet HTML 2Page - Infineon Technologies AG BCP52 Datasheet HTML 3Page - Infineon Technologies AG BCP52 Datasheet HTML 4Page - Infineon Technologies AG BCP52 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCP51...BCP53
4
Nov-29-2001
Transition frequency fT = f (IC)
VCE = 10V
10
EHP00260
BCP 51...53
03
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
Total power dissipation Ptot = f(TS)
0
20
40
60
80
100
120 °C
150
TS
0
0.2
0.4
0.6
0.8
1
1.2
W
1.6
Collector cutoff current ICBO = f (TA)
VCB = 30V
0
10
EHP00262
BCP 51...53
A
T
150
-1
4
10
Ι
CBO
nA
50
100
0
10
1
10
3
10
C
102
max
typ
DC current gain hFE = f (IC)
VCE = 2V
10
EHP00261
BCP 51...53
04
10
mA
0
10
3
10
5
5
10
1
10
2
10
1
C
FE
h
Ι
3
10
2
10
C
100
5
25 C
-50 C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com