Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8945PJR Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8945PJR
Description  4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8945PJR Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8945PJR Datasheet HTML 1Page - Diodes Incorporated PAM8945PJR Datasheet HTML 2Page - Diodes Incorporated PAM8945PJR Datasheet HTML 3Page - Diodes Incorporated PAM8945PJR Datasheet HTML 4Page - Diodes Incorporated PAM8945PJR Datasheet HTML 5Page - Diodes Incorporated PAM8945PJR Datasheet HTML 6Page - Diodes Incorporated PAM8945PJR Datasheet HTML 7Page - Diodes Incorporated PAM8945PJR Datasheet HTML 8Page - Diodes Incorporated PAM8945PJR Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PAM8945
Document number: DS38267 Rev. 1 - 2
5 of 9
www.diodes.com
December 2015
© Diodes Incorporated
PAM8945
Performance Characteristics (@VBAT=3.6V, AGC=GND, TA = +25°C, R
L=8Ω +33μH, unless otherwise specified.)
THD+N vs. Output Power (RL= 8Ω)
THD+N vs. Output Power (RL = 4Ω)
THD+N vs. Frequency (RL = 8Ω)
THD+N vs. Frequency (RL = 4Ω)
PSRR vs. Frequency (RL = 8Ω)
PSRR vs. Frequency (RL = 4Ω)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
1m
4
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
f=100Hz/1kHz/10kHz
(Red/Pink/Blue)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
1m
8
2m
5m
10m
20m
50m
100m
200m
500m
1
2
5
W
f=100Hz/1kHz/10kHz
(Red/Pink/Blue)
0.03
10
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
P
o=0.3W/0.5W/1W
(Red/Pink/Blue)
0.03
10
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
P
o=0.3W/0.5W/1W
(Red/Pink/Blue)
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T T T T
T T T T
T T
T
T
T
T T
T
T T T
T T T T T
T
T T T T
T
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T T T T T
T T T T T
T T T
T T T T
T T
T T
T
T T T T T T
T T
T
T T T T T
T T T
AGC=GND
AGC=GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com