Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR114 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCR114
Description  NPN Silicon Digital Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR114 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCR114 Datasheet HTML 1Page - Infineon Technologies AG BCR114 Datasheet HTML 2Page - Infineon Technologies AG BCR114 Datasheet HTML 3Page - Infineon Technologies AG BCR114 Datasheet HTML 4Page - Infineon Technologies AG BCR114 Datasheet HTML 5Page - Infineon Technologies AG BCR114 Datasheet HTML 6Page - Infineon Technologies AG BCR114 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Aug-29-2003
3
BCR114...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
V(BR)CEO
50
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
50
-
-
Collector-base cutoff current
VCB = 40 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 5 V, IC = 0
IEBO
-
-
520
µA
DC current gain1)
IC = 5 mA, VCE = 5 V
hFE
30
-
-
-
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
VCEsat
-
-
0.3
V
Input off voltage
IC = 100 µA, VCE = 5 V
Vi(off)
0.5
-
1.1
Input on voltage
IC = 2 mA, VCE = 0.3 V
Vi(on)
0.5
-
1.4
Input resistor
R1
3.2
4.7
6.2
k
Ω
Resistor ratio
R1/R2
0.42
0.47
0.52
-
AC Characteristics
Transition frequency
IC = 10 mA, VCE = 5 V, f = 100 MHz
fT
-
160
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
3
-
pF
1Pulse test: t < 300µs; D < 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com