Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2433 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 2 Page - Texas Instruments

  LMX2433 Datasheet HTML 1Page - Texas Instruments LMX2433 Datasheet HTML 2Page - Texas Instruments LMX2433 Datasheet HTML 3Page - Texas Instruments LMX2433 Datasheet HTML 4Page - Texas Instruments LMX2433 Datasheet HTML 5Page - Texas Instruments LMX2433 Datasheet HTML 6Page - Texas Instruments LMX2433 Datasheet HTML 7Page - Texas Instruments LMX2433 Datasheet HTML 8Page - Texas Instruments LMX2433 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
Table of Contents
9.4
Device Functional Modes........................................ 28
1
Features .................................................................. 1
9.5
Programming........................................................... 29
2
Applications ........................................................... 1
9.6
Register Maps ......................................................... 30
3
Description ............................................................. 1
10
Application and Implementation........................ 41
4
Revision History..................................................... 2
10.1
Application Information.......................................... 41
5
Description continued ........................................... 3
10.2
Typical Application ............................................... 42
6
Pin Configuration and Functions ......................... 3
11
Power Supply Recommendations ..................... 44
7
Specifications......................................................... 4
12
Layout................................................................... 44
7.1
Absolute Maximum Ratings ...................................... 4
12.1
Layout Guidelines ................................................. 44
7.2
Recommended Operating Conditions ....................... 4
12.2
Layout Example .................................................... 44
7.3
Thermal Information .................................................. 5
13
Device and Documentation Support ................. 45
7.4
Electrical Characteristics .......................................... 5
13.1
Device Support...................................................... 45
7.5
Timing Requirements ................................................ 7
13.2
Related Links ........................................................ 45
7.6
Typical Characteristics .............................................. 8
13.3
Community Resources.......................................... 45
8
Parameter Measurement Information ................ 12
13.4
Trademarks ........................................................... 45
8.1
Bench Test Setups.................................................. 12
13.5
Electrostatic Discharge Caution ............................ 45
9
Detailed Description ............................................ 23
13.6
Glossary ................................................................ 45
9.1
Overview ................................................................. 23
14
Mechanical, Packaging, and Orderable
9.2
Functional Block Diagram ....................................... 23
Information ........................................................... 46
9.3
Feature Description................................................. 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2013) to Revision D
Page
•
Shortened data sheet title LMX243x PLLatinum™ Dual High-Frequency Synthesizer for RF Personal
Communications LMX2430 3 GHz/0.8 GHz, LMX2433 3.6 GHz/1.7 GHz, LMX2434 5 GHz/2.5 GHz to LMX243x
PLLatinum™ Dual High-Frequency Synthesizer for RF Personal Communications because the extra information is
also listed in Features............................................................................................................................................................. 1
•
Added Device Information table, Pin Configuration and Functions section, Thermal Information table, Feature
Description section, Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ..................................................................................................................... 1
Changes from Revision B (March 2013) to Revision C
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 40
2
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com