Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACT564 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT564
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT564 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACT564 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACT564
Octal D-Type Flip-Flop with TRI-STATE® Outputs
General Description
The ’ACT564 is a high-speed, low power octal flip-flop with a
buffered common Clock (CP) and a buffered common Out-
put Enable (OE). The information presented to the D inputs
is stored in the flip-flops on the LOW-to-HIGH Clock (CP)
transition.
The ’ACT564 is functionally identical to the ’ACT574, but
with inverted outputs.
Features
n ICC and IOZ reduced by 50%
n Inputs and outputs on opposite sides of package
allowing easy interface with microprocessors
n Useful as input or output port for microprocessors
n Functionally identical to ’ACT574 but with inverted
outputs
n TRI-STATE outputs for bus-oriented applications
n Outputs source/sink 24 mA
n ’ACT564 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD) 5962-89557
Logic Symbols
Pin Names
Description
D
0–D7
Data Inputs
CP
Clock Pulse Input
OE
TRI-STATE Output Enable Input
O
0–O7
TRI-STATE Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT™ is a trademark of Fairchild Semiconductor Corporation.
DS100994-1
IEEE/IEC
DS100994-2
September 1998
© 1998 National Semiconductor Corporation
DS100994
www.national.com


Similar Part No. - 54ACT564

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
Octal Latch with TRI-STATE Outputs
54ACT563D NSC-54ACT563D Datasheet
159Kb / 6P
Octal Latch with TRI-STATE Outputs
54ACT563F NSC-54ACT563F Datasheet
159Kb / 6P
Octal Latch with TRI-STATE Outputs
54ACT563L NSC-54ACT563L Datasheet
159Kb / 6P
Octal Latch with TRI-STATE Outputs
More results

Similar Description - 54ACT564

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com