Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPAC202P Datasheet(PDF) 2 Page - Total Power International

Part # TPAC202P
Description  200W 3U X 4HP HALF SIZE EUROCARD PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC202P Datasheet(HTML) 2 Page - Total Power International

  TPAC202P Datasheet HTML 1Page - Total Power International TPAC202P Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 700.0 g (24.7 Oz.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙
AUX. +VO2 ▲@★#≡⊙※
AUX. +VO3 ▲≡#⊙★@
AUX. –VO4 ⊙★▲
MODEL NO.
Min.
Typ.
Volt. Max.
Min.
Typ
Volt.
Max Min. Typ Volt. Max. Pk. Min. Typ. Volt. Max. Pk.
TPAC202P-490
2A
25A
+5V
27A
0A
10A +3.3V 20A
0A 3A +12V 5A
6A
0A 0.5A -12V 1A
1A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd-wire Load Sharing.
"⊙" Installed with Or-ing diode. "▲" Magnetic Amplifier. "※" Synchronous Rectifier.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
Total max. power of V1 and V2 should be less than 175Watt.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT
L
N
G VO1
5V
S+
5V
S-
5V
Adj.
C.S. VO2
3.3V
S+
3.3V
S-
3.3V
Adj.
C.S. VO3
+12V
S+
C.S VO4 DC COM EN# DEG# INH# FAL#
CNTR &PIN #
47
46
45
1,2,
3,4
30
34
29
35
13,14,
15,16,
17,18
33
34
32
41
20
36
44
21
5,6,7,8,9,
10,11,12,
19,24
27
38
39
42
Mating connector: PCIH47F400A1.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com