Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR402 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BCR402
Description  Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402 Datasheet(HTML) 8 Page - Infineon Technologies AG

  BCR402 Datasheet HTML 1Page - Infineon Technologies AG BCR402 Datasheet HTML 2Page - Infineon Technologies AG BCR402 Datasheet HTML 3Page - Infineon Technologies AG BCR402 Datasheet HTML 4Page - Infineon Technologies AG BCR402 Datasheet HTML 5Page - Infineon Technologies AG BCR402 Datasheet HTML 6Page - Infineon Technologies AG BCR402 Datasheet HTML 7Page - Infineon Technologies AG BCR402 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AN 066 Rev D
8 / 8
16-Jan-2004
Applications Note No. 066
Silicon Discretes
Figure 11. Enlarged Top View of PCB Showing Parts Placement.
Board size: 35mm x 65mm
Board material: FR4
Board thickness: 1mm
SW1
R1
Q1
D1
D2
D3
D4
6. Conclusions
Infineon Technologies’ LED Driver family offers
the end user an easy, cost-effective way to
stabilize LED current in fixed, portable or
automotive LED display applications. DC power
consumption is minimized, as compared to LED
driver circuits employing resistors for current
stabilization.
The
negative
temperature
coefficient of these LED Drivers helps to prevent
thermal runaway conditions in LED displays.
7. References
[1] Application Note 077, “Thermal Reisistance
Calculations”, Infineon Technologies AG, Silicon
Discretes Group. (App note gives overview of
thermal
overstress
issues.
Available
at
http://www.infineon.com/cmc_upload/docum
ents/039/975/Appli077.pdf ).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com