Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV27 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCV27
Description  NPN Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV27 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCV27 Datasheet HTML 1Page - Infineon Technologies AG BCV27 Datasheet HTML 2Page - Infineon Technologies AG BCV27 Datasheet HTML 3Page - Infineon Technologies AG BCV27 Datasheet HTML 4Page - Infineon Technologies AG BCV27 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BCV27, BCV47
5
Jul-12-2001
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 1000
0
10
EHP00305
BCV 27/47
CEsat
V
1.5
0
3
10
Ι
C
mA
0.5
1.0
1
10
2
10
˚C
V
5
5
150
25 ˚C
-50 ˚C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 1000
0
10
EHP00304
BCV 27/47
BEsat
V
3.0
0
3
10
Ι
C
mA
1.0
2.0
1
10
2
10
˚C
V
5
5
150
25 ˚C
-50 ˚C
Collector cutoff current ICBO = f (TA)
VCB = VCEmax
0
10
EHP00306
BCV 27/47
A
T
150
0
4
10
Ι
CBO
nA
50
100
1
10
2
10
3
10
˚C
max
typ
DC current gain hFE = f (IC)
VCE = 5V
10
EHP00307
BCV 27/47
-1
3
10
mA
3
10
6
10
5
5
10
0
10
1
10
4
C
FE
h
Ι
2
10
5
10
˚C
125
5
25 ˚C
-55 ˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com