Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7915 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7915
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7915 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7915 Datasheet HTML 17Page - Analog Devices AD7915 Datasheet HTML 18Page - Analog Devices AD7915 Datasheet HTML 19Page - Analog Devices AD7915 Datasheet HTML 20Page - Analog Devices AD7915 Datasheet HTML 21Page - Analog Devices AD7915 Datasheet HTML 22Page - Analog Devices AD7915 Datasheet HTML 23Page - Analog Devices AD7915 Datasheet HTML 24Page - Analog Devices AD7915 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
AD7915/AD7916
Rev. 0 | Page 21 of 26
CHAIN MODE, WITHOUT BUSY INDICATOR
This mode can be used to daisy-chain multiple AD7915/
AD7916 devices on a 3-wire serial interface. This feature is
useful for reducing component count and wiring connections,
for example, in isolated multiconverter applications or for
systems with a limited interfacing capacity. Data readback is
analogous to clocking a shift register.
A connection diagram example using two AD7915/AD7916
devices is shown in Figure 43, and the corresponding timing is
given in Figure 44.
When SDI/CS and CNV are low, SDO is driven low. With SCK
low, a rising edge on CNV initiates a conversion, and selects the
chain mode. In this mode, CNV is held high during the
conversion phase and the subsequent data readback. When the
conversion is complete, the MSB is output onto SDO and the
AD7915/AD7916 enter the acquisition phase and power down.
The remaining data bits stored in the internal shift register are
clocked by subsequent SCK falling edges. For each ADC, SDI
feeds the input of the internal shift register and is clocked by the
SCK falling edge. Each ADC in the chain outputs its data MSB
first, and 16 × N clocks are required to read back the N ADCs.
The data is valid on both SCK edges. Although the rising edge
can be used to capture the data, a digital host using the SCK
falling edge allows a faster reading rate and, consequently, more
AD7915/AD7916 devices in the chain, provided that the digital
host has an acceptable hold time. The maximum conversion rate
may be reduced due to the total readback time.
CONVERT
DATA IN
CLK
DIGITAL HOST
AD7915/
AD7916
SDO
CNV
B
SCK
AD7915/
AD7916
SDO
CNV
A
SCK
SDI/CS
SDI/CS
Figure 43. Chain Mode Without Busy Indicator Connection Diagram
DA15
DA14
DA13
SCK
12
3
30
31
32
tSSDISCK
tHSDISCK
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV
DA1
14
15
tSCK
tSCKL
tSCKH
DA0
17
18
16
SDOB
DB15
DB14
DB13
DA1
DB1DB0DA15
DA14
tHSDO
tDSDO
tSSCKCNV
tHSCKCNV
DA0
SDI/CSA = 0
SDOA = SDI/CSB
Figure 44. Chain Mode Without Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com