Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154BCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9154BCPZ
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9154BCPZ Datasheet HTML 39Page - Analog Devices AD9154BCPZ Datasheet HTML 40Page - Analog Devices AD9154BCPZ Datasheet HTML 41Page - Analog Devices AD9154BCPZ Datasheet HTML 42Page - Analog Devices AD9154BCPZ Datasheet HTML 43Page - Analog Devices AD9154BCPZ Datasheet HTML 44Page - Analog Devices AD9154BCPZ Datasheet HTML 45Page - Analog Devices AD9154BCPZ Datasheet HTML 46Page - Analog Devices AD9154BCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 43 of 124
The method for setting the LMFCDel and LMFCVar is
described in the Link Delay Setup section.
Setting LMFCDel appropriately ensures that all the corresponding
data samples arrive in the same LMFC period. Then LMFCVar
is written into the receive buffer delay (RBD) to absorb all link
delay variation. This ensures that all data samples have arrived
before reading. By setting these to fixed values across runs and
devices, deterministic latency is achieved.
The RBD described in the JESD204B specification takes values
from 1 to K frame clock cycles, while the RBD of the AD9154
takes values from 0 PClock cycles to 10 PClock cycles. As a
result, up to 10 PClock cycles of total delay variation can be
absorbed. Because LMFCVar is in PClock cycles, and LMFCDel
is in frame clock cycles, a conversion between these two units is
needed. The PClockFactor, or number of frame clock cycles per
PClock cycle, is equal to 4/F. For more information on this
relationship, see the Clock Multiplication Relationships section.
Two examples follow that show how to determine LMFCVar
and LMFCDel. After they are calculated, write LMFCDel into
both Register 0x304 and Register 0x305 for all devices in the
system, and write LMFCVar to both Register 0x306 and
Register 0x307 for all devices in the system.
Link Delay Setup Example, With Known Delays
All the known system delays can be used to calculate LMFCVar
and LMFCDel as described in the Link Delay Setup section.
The example shown in Figure 54 is demonstrated in the
following steps according to the procedure outlined in the Link
Delay Setup section. Note that this example is in Subclass 1 to
achieve deterministic latency, which has a PClockFactor (4/F)
of 2 frame clock cycles per PClock cycle, and uses K = 32
(frames per multiframe). Because PCBFixed < PClockPeriod,
PCBFixed is negligible in this example and is not included in
the calculations.
1. Find the receiver delays using Table 8.
RxFixed = 17 PClock cycles
RxVar = 2 PClock cycles
2. Find the transmitter delays. The equivalent table in the
example JESD204B core (implemented on a GTH or GTX
transceiver on a Virtex-6 FPGA) states that the delay is
56 ± 2 byte clock cycles.
Because the PClockRate = ByteRate/4 as described in the
Clock Multiplication Relationships section, the transmitter
delays in PClock cycles are:
TxFixed = 54/4 = 13.5 PClock cycles
TxVar = 4/4 = 1 PClock cycle
3. Calculate MinDelayLane as follows:
MinDelayLane = floor(RxFixed + TxFixed + PCBFixed)
= floor(17 + 13.5 + 0)
= floor(30.5)
MinDelayLane = 30
4. Calculate FALL_COUNT_DelayLane as follows:
FALL_COUNT_DelayLane = ceiling(RxFixed + RxVar +
TxFixed + TxVar + PCBFixed))
= ceiling(17 + 2 + 13.5 + 1 + 0)
= ceiling(33.5)
FALL_COUNT_DelayLane = 34
5. Calculate LMFCVar as follows:
LMFCVar = (FALL_COUNT_DelayLane + 1) − (MinDelay −
1)
= (34 + 1) − (30 − 1) = 35 − 29
LMFCVar = 6 PClock cycles
6. Calculate LMFCDel as follows:
LMFCDel = ((MinDelay − 1) × PClockFactor) % K
= ((30 − 1) × 2) % 32 = (29 × 2) % 32
= 58 % 32
LMFCDel = 26 frame clock cycles
7. Write LMFCDel to both Register 0x304 and Register 0x305
for all devices in the system. Write LMFCVar to both
Register 0x306 and Register 0x307 for all devices in the
system.
Figure 54. LMFC_DELAY Calculation Example
FRAME CLOCK
LMFC
PCLOCK
DATA
DATA AT Tx FRAMER
ILAS
LMFCRX
TOTAL FIXED LATENCY = 30 PCLOCK CYCLES
LMFC DELAY = 26 FRAME CLOCK CYCLES
PCB FIXED
DELAY
DATA
ALIGNED LANE DATA
AT Rx DEFRAMER OUTPUT
ILAS
TOTAL VARIABLE
LATENCY = 4
PCLOCK CYCLES
Tx VAR
DELAY
Rx VAR
DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com